XFWICS1210-R12
AI

The **XFWICS1210-R12** is a surface-mount power inductor, typically categorized under the **1210 (3225 Metric)** case size. These components are essential in power management circuits for filtering noise and storing energy.
---
## 1. Technical Specifications
Below are the typical electrical and physical characteristics for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.12 µH (indicated by "R12") |
| **Case Size** | 1210 (3.2mm x 2.5mm) |
| **Tolerance** | Usually ±20% (M) or ±10% (K) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material Core** | Ferrite or Wire-wound Ceramic |
---
## 2. Key Features
* **High Self-Resonant Frequency (SRF):** Due to the low inductance value (0.12µH), this part is designed to operate efficiently at high frequencies.
* **Compact Footprint:** The 1210 form factor allows for high-density PCB layouts.
* **Low DC Resistance (DCR):** Designed to minimize power loss and heat generation during operation.
* **Robust Construction:** Usually features excellent solderability and resistance to mechanical stress.
---
## 3. Component Symbolism
The part number can be broken down to understand its properties:
* **XF:** Manufacturer prefix (often associated with XFMRS or similar generic brands).
* **WI:** Wire-wound Inductor.
* **CS:** Ceramic Series (or Chip Standard).
* **1210:** Dimensions in inches (0.12" x 0.10").
* **R12:** Inductance value. The "R" acts as a decimal point ($0.12$ microhenries).
---
## 4. Common Applications
This inductor is frequently found in the following circuits:
1. **DC-DC Converters:** Used for voltage regulation in mobile devices.
2. **RF Circuits:** Acting as a high-frequency filter or impedance matching element.
3. **EMI Suppression:** Filtering out high-frequency noise in communication lines.
4. **Decoupling:** Providing clean power to microprocessors or high-speed ICs.
- ⤷
What is the maximum current rating for the XFWICS1210-R12?
- ⤷ How does a wire-wound inductor differ from a multilayer inductor in this size?
- ⤷ Can you provide a footprint diagram for the 1210 package?