công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XFWICS1008-R27

  • AI
    The **XFWICS1008-R27** is an electronic component primarily identified as a **Surface Mount (SMD) Wire-Wound Inductor**. These parts are essential in high-frequency circuits for filtering, impedance matching, and energy storage. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Here is the breakdown of its technical characteristics: | Property | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.27 µH (270 nH) | The "R27" indicates the value (R = decimal). | | **Package Size** | 1008 (Metric 2520) | Dimensions approx. 2.5mm x 2.0mm. | | **Core Material** | Ceramic | Usually features a non-magnetic ceramic core for high-frequency stability. | | **Tolerance** | ±5% or ±10% | Varies by manufacturer, but usually J (5%) or K (10%). | | **Type** | Wire-Wound | Copper wire wrapped around a core for high Q-factors. | --- ### 2. Key Features The XFWICS1008-R27 is designed for performance in RF (Radio Frequency) environments. * **High Q Factor:** Because it is wire-wound rather than multilayer, it maintains a high "Quality Factor," meaning low energy loss. * **High Self-Resonant Frequency (SRF):** This allows the inductor to remain inductive at very high frequencies before it begins to behave like a capacitor. * **High Current Handling:** Wire-wound structures can typically handle more DC current compared to thin-film or multilayer inductors of the same size. --- ### 3. Common Applications This component is typically found in communication devices and high-speed electronics: 1. **RF Matching Networks:** Used in Bluetooth, Wi-Fi, and cellular modules to match antenna impedance. 2. **Signal Filtering:** Used in Low Pass (LPF) or Band Pass (BPF) filters to eliminate noise. 3. **Oscillators:** Acts as a frequency-determining element in VCO (Voltage Controlled Oscillator) circuits. 4. **Decoupling:** Filtering high-frequency noise from power supply lines in sensitive RF ICs. --- ### 4. Typical Footprint (Dimensions) | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | **Length (L)** | 2.50 ± 0.2 | 0.100 | | **Width (W)** | 2.00 ± 0.2 | 0.080 | | **Height (H)** | 1.60 ± 0.2 | 0.063 |
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the XFWICS1008-R27?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ Can you provide a PCB pad layout recommendation for a 1008 package?