công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XFWICS0603-R11J

  • AI
    The **XFWICS0603-R11J** is a high-frequency SMD (Surface Mount Device) Chip Inductor, typically utilized in RF (Radio Frequency) circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The part number follows a standard nomenclature for wire-wound or multilayer ceramic chip inductors. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 110 nH | Identified by "R11" (0.11µH or 110nH) | | **Tolerance** | ±5% | Identified by the suffix "J" | | **Case Size** | 0603 (EIA) | Metric 1608 (1.6mm x 0.8mm) | | **Type** | Wire-wound / Ceramic | High-Q factor for RF applications | | **SRF** | ~1200+ MHz | Self-Resonant Frequency | --- ## 2. Key Features * **High Q-Factor:** Designed to have low losses at high frequencies, making it ideal for filtering and matching networks. * **Precision:** The ±5% tolerance is standard for tuning circuits where stability is required. * **Miniaturization:** The 0603 footprint allows for high-density PCB layouts in mobile and handheld devices. * **Operating Temperature:** Generally rated for **-40°C to +125°C**, suitable for industrial environments. --- ## 3. Applications This component is primarily found in communication hardware: 1. **RF Matching:** Used between the antenna and the transceiver to ensure maximum power transfer. 2. **Filter Circuits:** Employed in Low Pass Filters (LPF) or Band Pass Filters (BPF) to eliminate noise. 3. **VCOs:** Voltage Controlled Oscillators often use these inductors for frequency stabilization. 4. **Wireless Modules:** Found in Bluetooth, Wi-Fi, and GPS modules. --- ## 4. Part Number Decoding Understanding the suffix and prefix: * **XF:** Manufacturer prefix (XFMRS or similar specialized inductor brands). * **0603:** Physical dimensions (0.06 x 0.03 inches). * **R11:** Inductance value. "R" acts as a decimal point in microhenries (0.11µH = 110nH). * **J:** Tolerance code (J = ±5%, K = ±10%, G = ±2%). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Idc) for the XFWICS0603 series?
    • ⤷ How does a wire-wound inductor differ from a multilayer inductor in RF circuits?
    • ⤷ Can this inductor be used in power supply decoupling?