công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XFSMD203-R33J

  • AI
    The **XFSMD203-R33J** is a high-current, surface-mount (SMD) power inductor. It is commonly used in voltage regulator modules (VRMs) and DC-DC converters to provide stable power filtering and energy storage. --- ### 1. Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | 0.33 µH (indicated by "R33") | | **Tolerance** | ±5% (indicated by "J") | | **Package/Case** | SMD (Specific footprint depends on the XFSMD203 series size) | | **Material** | Usually Carbonyl Iron or Ferrite core for high saturation | | **Application** | High-frequency power supplies, CPU/GPU VRMs | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's performance characteristics: * **XFSMD**: The manufacturer's series prefix (XFMRS Inc.), designating a Surface Mount Device. * **203**: Refers to the physical dimensions and core structure of the inductor. * **R33**: The inductance value. The "R" acts as a decimal point. * $R33 = 0.33 \mu H$ * **J**: The tolerance code. * $J = \pm5\%$ --- ### 3. Key Electronic Functions 1. **Energy Storage**: It stores energy in a magnetic field when current flows through it, which is essential for "Buck" or "Boost" converters to step voltage up or down. 2. **Noise Filtering**: It blocks high-frequency AC noise while allowing DC to pass, acting as a low-pass filter in power stages. 3. **Current Smoothing**: It resists sudden changes in current, protecting sensitive downstream components (like microprocessors) from current spikes. --- ### 4. Typical Usage Scenario In modern electronics, this part is often found in **Multi-phase Buck Converters**. Because $0.33 \mu H$ is a relatively low inductance value, it is optimized for high switching frequencies (often $>500 \text{kHz}$) where fast transient response is required. ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum current (Irms) and saturation current (Isat) ratings for the XFSMD203 series?
    • ⤷ How does the 'R33' inductance value compare to a '3R3' value in terms of performance?
    • ⤷ What are the recommended PCB footprint dimensions for this specific component?