XFHCL6MD-R60M
AI

## Analysis of the XFHCL6MD-R60M
The **XFHCL6MD-R60M** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is primarily designed for high-frequency DC-DC converters, voltage regulator modules (VRM), and power supply circuits where high current and low power loss are critical.
---
### 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.60 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DCR (Direct Current Resistance)** | Very Low (typically in the range of 1.0 to 1.5 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (typically 25A - 35A depending on temp rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Construction** | Metal Composite / Shielded |
| **Case Size** | 6.0 x 6.0 mm (approximate footprint) |
---
### 2. Key Features
* **Metal Composite Core:** Unlike traditional ferrite inductors, these use a metal powder core which allows for a soft saturation characteristic. This prevents a sudden drop in inductance during high-current spikes.
* **Shielded Construction:** The magnetic flux is contained within the body, minimizing Electromagnetic Interference (EMI) with surrounding components on the PCB.
* **Low DCR:** The low DC resistance minimizes energy loss as heat, improving the overall efficiency of the power supply.
* **High Thermal Stability:** Designed to maintain performance even under high-load and high-temperature environments.
---
### 3. Part Number Breakdown (Typical)
While manufacturers have specific internal codes, the suffixing follows industry standards:
* **XFHCL:** Series identifier (usually denotes a specific molded power inductor line).
* **6MD:** Physical dimensions (6mm class).
* **R60:** The inductance value ($0.60 \mu H$). The "R" acts as a decimal point.
* **M:** Tolerance code, signifying $\pm 20\%$.
---
### 4. Common Applications
* **Motherboards & Servers:** Used in CPU/GPU power phases to handle rapid current fluctuations.
* **DC-DC Converters:** Buck, Boost, and Buck-Boost converters in telecommunications.
* **Automotive Electronics:** Powering infotainment and ADAS systems (if AEC-Q200 qualified).
* **Battery Powered Devices:** High efficiency ensures longer battery life.
- ⤷
What are the equivalent alternative parts for the XFHCL6MD-R60M?
- ⤷ How does the 'soft saturation' of a metal composite core benefit a VRM circuit?
- ⤷ What is the recommended solder reflow profile for this SMD inductor?