XFHCL6LPA-R33M
AI

The **XFHCL6LPA-R33M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It is designed to handle high currents while maintaining a compact footprint.
---
### 1. Part Number Breakdown
While naming conventions can vary slightly by manufacturer (often associated with brands like XFMRS), the alphanumeric code typically follows this logic:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **XFHCL** | Series | High-current, low-profile shielded power inductor. |
| **6LPA** | Package Size | Physical dimensions (approx. 6mm x 6mm class). |
| **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** (Standard industry code for inductance tolerance). |
---
### 2. Key Technical Specifications
Based on the standard parameters for this class of component:
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Extremely low, usually measured in milliohms (mΩ) to minimize power loss and heat.
* **Saturation Current (Isat):** The current at which inductance drops by a specified percentage (usually 20-30%). These are typically rated for high amperage (e.g., 10A–25A depending on the specific profile).
* **Temperature Rise Current (Irms):** The current that causes a 40°C rise in component temperature.
* **Shielding:** Magnetic shielding to reduce Electromagnetic Interference (EMI).
---
### 3. Construction and Material
The part is typically constructed using a **Molded Powder Core** technology:
* **Core Material:** Usually a carbonyl iron powder or metallic alloy.
* **Structure:** The wire coil is placed inside a mold, and magnetic powder is pressed around it. This results in a "soft saturation" characteristic and excellent shielding.
* **Terminals:** Lead-free (RoHS compliant) tin-plated copper frame.
---
### 4. Typical Applications
This component is ideal for modern high-density electronics where space is limited but power requirements are high:
* **Voltage Regulator Modules (VRMs):** Found on motherboards and GPU cards.
* **DC-DC Converters:** Point-of-Load (POL) converters for CPUs and FPGAs.
* **Portable Electronics:** High-efficiency power supplies in laptops and tablets.
* **Automotive:** Infotainment and ADAS power rails (if AEC-Q200 qualified).
---
### 5. Advantages
1. **Low Profile:** The "LPA" designation often implies a low-profile height, making it suitable for slim devices.
2. **High Efficiency:** Low DCR reduces $I^2R$ losses.
3. **Low Noise:** The molded construction minimizes "acoustic noise" (buzzing) caused by magnetostriction.
- ⤷
What is the maximum operating temperature for the XFHCL6LPA-R33M?
- ⤷ How does 'soft saturation' in molded inductors differ from ferrite core inductors?
- ⤷ Can you provide a footprint layout or land pattern recommendation for this package?