công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XFHCL4-R33M

  • AI
    ## Analysis of the XFHCL4-R33M Electronic Component The **XFHCL4-R33M** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is typically used in power management circuits where high current handling and low electromagnetic interference (EMI) are required. --- ### 1. General Specifications Below are the primary technical parameters for the XFHCL4-R33M: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Shielding** | Magnetically Shielded (Molded Construction) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Iron Powder / Metal Alloy | --- ### 2. Key Characteristics * **High Current Handling:** Designed to maintain stable inductance even under high saturation current conditions. * **Low DCR (DC Resistance):** Minimizes power loss and heat generation, increasing overall circuit efficiency. * **Shielded Design:** The molded construction reduces leakage flux, making it suitable for high-density PCB layouts where noise interference is a concern. * **Soft Saturation:** Unlike ferrite cores that drop inductance sharply, the metal alloy core allows for a gradual decrease in inductance as current increases. --- ### 3. Application Areas This component is commonly found in the following electronic systems: 1. **DC-DC Converters:** Used as a storage element in Buck, Boost, and Buck-Boost regulators. 2. **Computing:** Voltage Regulator Modules (VRMs) for CPUs and GPUs. 3. **Consumer Electronics:** Power supplies for smartphones, tablets, and laptops. 4. **Automotive:** Infotainment systems and LED lighting drivers (depending on AEC-Q200 qualification). --- ### 4. Part Number Breakdown While manufacturer coding can vary slightly, the nomenclature usually follows this logic: * **XFHCL:** Series identifier (typically indicating a molded power inductor series). * **4:** Size code (often referring to dimensions like 4.0mm x 4.0mm). * **R33:** Inductance value (R represents the decimal point: 0.33 µH). * **M:** Tolerance code (M = ±20%). ---
    ✨ Follow-up Questions
    • ⤷ What are the typical dimensions (length x width) for the size 4 code?
    • ⤷ What is the maximum saturation current (Isat) for this specific inductor?
    • ⤷ Can you provide a comparison between this molded inductor and a standard ferrite core inductor?