XFHCL22MB-R47M
AI

The **XFHCL22MB-R47M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It is designed for high-frequency circuits where efficiency and compact size are critical.
### 1. Part Number Breakdown
The nomenclature typically follows this structure:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **XFHCL** | Series | High-current, low-profile power inductor series. |
| **22** | Size Code | Represents the physical dimensions (approx. 2.5mm x 2.0mm). |
| **MB** | Material/Type | Specific core material and construction style. |
| **R47** | Inductance Value | **0.47 µH** (R denotes the decimal point). |
| **M** | Tolerance | **±20%** tolerance. |
---
### 2. Key Technical Specifications
Below are the typical electrical characteristics for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | ~18-25 mΩ (typical) |
| **Saturation Current (Isat)** | ~4.5A - 5.5A (depending on temp rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Size** | 2520 (Metric) / 1008 (Imperial) |
---
### 3. Core Features & Construction
* **Molded Construction:** These inductors usually feature a metal powder core molded around the coil. This "shielded" construction minimizes EMI (Electromagnetic Interference).
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply, the metal alloy core provides a "soft" saturation curve, maintaining stability during high current spikes.
* **Low DCR:** Designed with thick copper wire to minimize power loss and heat generation.
### 4. Common Applications
This part is typically found in:
* **Mobile Devices:** Smartphones, tablets, and wearables where board space is limited.
* **Voltage Regulator Modules (VRM):** Powering CPUs and GPUs.
* **DC-DC Converters:** Point-of-load (POL) converters for converting battery voltage to lower logic levels (e.g., 3.3V, 1.8V, 1.2V).
---
### 5. Implementation Example
In a typical buck converter circuit, the inductor is placed between the switching node and the output capacitor:
```c
[Switching Regulator IC]
|
|----[XFHCL22MB-R47M Inductor]----[ V_Out ]
|
[Capacitor]
|
[ GND ]
```
- ⤷
What is the difference between this metal powder core and a standard ferrite core?
- ⤷ How does the saturation current affect the choice of this inductor in a power circuit?
- ⤷ What are the recommended soldering profiles for the XFHCL series?