công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XFHCL22-R33M

  • AI
    The **XFHCL22-R33M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converters and power management modules. It is designed for high-frequency applications where low power loss and high current handling are required. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical and physical characteristics: | Parameter | Value/Description | | :--- | :--- | | **Inductance** | 0.33 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the "M") | | **Series** | XFHCL22 (Compact, High Current) | | **Mounting Type** | Surface Mount Device (SMD) | | **Core Material** | Composite Magnetic Iron Powder | | **Operating Temperature** | -40°C to +125°C (including self-heating) | --- ### 2. Component Composition & Design The "XFHCL" series is known for its **molded construction**, which provides several advantages: * **Shielded Construction:** The magnetic iron powder core surrounds the coil, reducing electromagnetic interference (EMI) and shielding nearby components. * **High Saturation Current:** Unlike traditional ferrite inductors, these molded inductors exhibit a "soft saturation" curve, meaning they don't lose inductance abruptly when current increases. * **Low DCR (DC Resistance):** It uses heavy-gauge copper wire to minimize power dissipation and heat generation. --- ### 3. Part Number Breakdown Understanding the code helps in identifying variations: | Segment | Meaning | | :--- | :--- | | **XF** | Manufacturer prefix (typically XFMRS or similar) | | **HCL** | High Current, Low Profile Series | | **22** | Physical case size (approximate footprint) | | **R33** | Inductance value (R represents the decimal: 0.33) | | **M** | Tolerance (M = ±20%) | --- ### 4. Typical Applications This specific inductor is ideal for high-density power electronics, including: 1. **Voltage Regulator Modules (VRMs):** Found on PC motherboards and servers. 2. **Point of Load (POL) Converters:** Used to step down voltage for CPUs and FPGAs. 3. **Battery Powered Devices:** High efficiency helps extend battery life. 4. **Automotive Infotainment:** Durable enough for fluctuating thermal environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the saturation current (Isat) and heating current (Irms) ratings for this part?
    • ⤷ How does a molded iron powder inductor compare to a traditional shielded ferrite inductor?
    • ⤷ Are there specific soldering footprints recommended for the XFHCL22 series?