XF100705A-R22M
AI

The **XF100705A-R22M** is a high-current, surface-mount (SMD) power inductor. These components are typically used in DC-DC converters, voltage regulator modules (VRM), and high-frequency power supplies where efficiency and compact size are critical.
---
### 1. Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.22 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) |
| **Saturation Current ($I_{sat}$)** | High (typically 40A - 60A range) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Part Number Breakdown
Understanding the code helps in identifying the physical and electrical constraints of the part:
* **XF**: Usually refers to the manufacturer's series prefix (often associated with high-current molded power inductors).
* **100705**: Represents the physical dimensions. Usually, this implies a footprint of approximately **10.0mm x 7.0mm** with a height of **5.0mm**.
* **A**: Designates the revision or specific material composition (e.g., alloy powder core).
* **R22**: The inductance value. "R" acts as a decimal point. **R22 = 0.22 µH**.
* **M**: The tolerance code. **M = ±20%**.
---
### 3. Key Features
* **Shielded Construction:** These inductors are usually magnetically shielded (molded) to minimize Electromagnetic Interference (EMI) with surrounding components.
* **High Saturation:** Designed to maintain inductance even under very high current loads without "saturating" (losing magnetic properties).
* **Low Core Loss:** Uses metal alloy powder which provides better efficiency at high switching frequencies compared to traditional ferrite cores.
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply, these molded types have a "soft" roll-off, making the circuit more stable during current spikes.
---
### 4. Common Applications
This specific inductor is found in high-demand power circuits:
1. **Graphics Cards (GPUs):** Used in the multi-phase VRMs to provide stable current to the processor.
2. **Server Motherboards:** High-efficiency power delivery for CPUs.
3. **Laptops/Portable Electronics:** In the main buck converters where space is limited but current demand is high.
4. **Telecom Equipment:** Distributed power systems and base stations.
- ⤷
What are the equivalent alternative parts for the XF100705A-R22M?
- ⤷ How does the 'R22' inductance value affect the ripple current in a buck converter?
- ⤷ What is the difference between this metal alloy inductor and a traditional ferrite inductor?