công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • XCSMP79L10

  • AI
    The **XCSMP79L10** is a specific model of a safety interlock switch manufactured by **Telemecanique Sensors** (formerly part of Schneider Electric). It belongs to the **XCS range**, specifically designed for protecting personnel by monitoring the opening of guards and doors on industrial machinery. --- ### 1. Technical Specifications The following table outlines the primary electrical and mechanical characteristics of the XCSMP79L10: | Feature | Specification | | :--- | :--- | | **Switch Type** | Magnetic Coded Safety Switch | | **Contact Configuration** | 1 NC (Normally Closed) + 1 NO (Normally Open) | | **Connection Type** | Pre-wired Cable (Length: 10 meters) | | **Rated Operational Voltage** | 24V DC | | **Rated Operational Current** | 100 mA | | **Enclosure Material** | Plastic (PA66) | | **Protection Rating** | IP67 (Dust-tight and water immersion) | | **Safety Level** | Can reach SIL 3 or PLe (with appropriate monitoring) | --- ### 2. Key Electronic Components & Working Principle Unlike mechanical limit switches, the XCSMP79L10 is a **magnetic coded switch**. It consists of two main parts: the switch unit and a coded magnet actuator. #### A. Coded Magnetic Actuation The device does not use a standard magnet. It uses a **specifically coded magnetic field**. This means the switch will only trigger when the matching Telemecanique actuator is in close proximity. This prevents "cheating" or bypassing the safety system with a simple handheld magnet. #### B. The Reed Contacts Internally, the switch utilizes sensitive reed contacts that react to the magnetic field: * **NC (Normally Closed):** This contact opens when the guard is opened (actuator removed). * **NO (Normally Open):** This contact closes when the guard is opened, often used for signaling a "door open" status to a PLC. #### C. Pre-wired 10m Cable The "L10" suffix indicates a **10-meter** integrated cable. This is beneficial for high-moisture environments because it eliminates the need for a connector at the sensor head, reducing potential points of failure or short circuits due to liquid ingress. --- ### 3. Application and Safety Integration The XCSMP79L10 is rarely used alone. In an industrial circuit, it is typically wired to a **Safety Relay** (such as a Preventa module). 1. **Redundancy:** The dual-contact design (1NC + 1NO) allows the safety relay to monitor for "cross-faults" (short circuits between channels). 2. **Mounting:** Because it is magnetic and non-contact, it is ideal for machines with high vibration or doors that have poor alignment, where mechanical keys might snap. 3. **Environment:** Its IP67 rating makes it suitable for "wash-down" areas in food processing or pharmaceutical packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring color codes for the XCSMP79L10 cable?
    • ⤷ How does a magnetic coded switch differ from an inductive proximity sensor?
    • ⤷ Which safety relay models are compatible with this switch?