công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • X5C-R

  • AI
    The **Syma X5C-R** (and its variants like the X5C Explorers) is a popular entry-level quadcopter. Its electronic architecture is designed for simplicity, durability, and ease of repair. Below is a breakdown of the primary electronic components: ### 1. The Main Control Board (PCB) The "brain" of the drone is a single printed circuit board that integrates several critical systems: * **Microcontroller (MCU):** Processes signals from the remote and manages flight stability. * **6-Axis Gyroscope:** A combined 3-axis accelerometer and 3-axis gyroscope (often the MPU-6050 or similar) that keeps the drone level during flight. * **Radio Receiver (RX):** Operates on the 2.4GHz frequency to receive commands from the transmitter. * **MOSFETs:** Small transistors that act as electronic switches to control the power sent to each motor. ### 2. Propulsion System The X5C-R uses a **brushed DC motor** system rather than brushless, which keeps costs down but requires gear reduction. | Part | Type | Function | | :--- | :--- | :--- | | **Motors** | 7x20mm Coreless Brushed | High-speed rotation to provide lift. | | **Gears** | Plastic Pinion & Spur | Reduces RPM from the motor to increase torque for the propellers. | | **Wiring** | JST-type or direct solder | Connects the motors to the main PCB. | ### 3. Power System * **Battery:** Usually a **3.7V 500mAh to 600mAh 1S LiPo** (Lithium Polymer) battery. * **Charging:** Uses a USB-based charging circuit with an overcharge protection chip (usually located inside the USB cable itself). ### 4. Camera Module The "R" in X5C-R often refers to the recording version. * **Resolution:** Typically 2MP (720p interpolated). * **Storage:** Includes an onboard MicroSD card slot. * **Interface:** Connects to the main PCB via a 3-pin or 4-pin header to receive power and trigger recording from the remote. ### 5. Lighting (LEDs) The drone features four directional LEDs: * **Colors:** Red and Green (or Blue). * **Purpose:** Orientation (telling front from back) and status indicators (flashing for low battery or pairing mode). --- ### Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Voltage** | 3.7V DC | | **Frequency** | 2.4 GHz | | **Channels** | 4 Channels | | **Gyro** | 6-Axis |
    ✨ Follow-up Questions
    • ⤷How do I replace a burnt-out motor on the X5C-R?
    • ⤷ Can I upgrade the battery to a higher capacity without damaging the electronics?
    • ⤷ Why is my X5C-R failing to bind with the transmitter?