công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WSP-2BD-R/Q

  • AI
    The **WSP-2BD-R/Q** refers to a specific series of high-performance thermal printers, typically utilized in mobile and industrial environments. This device is an integration of mechanical, thermal, and electronic subsystems. Below is a breakdown of the electronic components and technical characteristics of the WSP-2BD-R/Q series. --- ### 1. Key Electronic Components The device relies on several core electronic modules to function: | Component | Description | | :--- | :--- | | **Thermal Print Head (TPH)** | The primary output component that applies heat to sensitized paper to create images/text. | | **Microcontroller (MCU)** | Acts as the brain; manages data buffers, command parsing (ESC/POS), and motor timing. | | **Interface Module** | Handles communication via **RS-232C, UART, or USB**, depending on the specific model variation. | | **Motor Driver IC** | Controls the stepper motor responsible for precise paper feeding. | | **Power Management** | Regulates the input voltage (usually 5V DC) to the levels required by the logic circuits and the print head. | --- ### 2. Technical Specifications The "R/Q" variants often denote specific interface or buffer configurations. Generally, the electronic performance follows these parameters: * **Resolution:** 203 DPI (8 dots/mm). * **Printing Speed:** Up to 80mm/sec (depending on voltage and battery levels). * **Memory:** Integrated Flash memory for storing fonts, logos, and user-defined characters. * **Sensors:** * **Paper End Sensor:** Photo-interrupter to detect when paper is out. * **Temperature Sensor:** Thermistor inside the TPH to prevent overheating. --- ### 3. Connection & Pinout (Common RS-232/TTL) For electronic integration into a custom PCB or system, the interface usually follows a standard pin header logic: ```markdown 1. VCC (5V) -> Power Supply 2. TXD/RXD -> Serial Data Communication 3. DTR/CTS -> Hardware Flow Control 4. GND -> Ground ``` --- ### 4. Comparison of "R" vs "Q" Variations While specific to the manufacturer's revisioning (Woosim Systems), these suffixes generally indicate: 1. **Interface Type:** One may support strictly Serial (RS-232), while the other supports TTL logic levels. 2. **Buffer Size:** Differences in the internal receive buffer (e.g., 8KB vs 64KB) to handle larger print jobs. 3. **Voltage Tolerance:** Slight variations in the operating voltage range for mobile (battery) vs. stationary (adapter) use.
    ✨ Follow-up Questions
    • ⤷What is the exact pinout for the WSP-2BD-R serial interface?
    • ⤷ How do I send ESC/POS commands to this printer via Python?
    • ⤷ What is the maximum current draw during high-density printing?