WSBS-43D-R
AI

The **WSBS-43D-R** is a specific model of a **Battery Current Sensor** (Shunt Resistor) manufactured by **Vishay Dale**. It is designed specifically for high-current applications, primarily in automotive and heavy machinery battery management systems (BMS).
---
## 1. Component Overview
The WSBS-43D-R belongs to the Power Metal Strip® series. It is a specialized shunt resistor used to measure current by monitoring the voltage drop across its resistive element (Ohm's Law: $V = I \times R$).
### Key Physical Characteristics
| Feature | Description |
| :--- | :--- |
| **Material** | Proprietary Power Metal Strip® resistive element. |
| **Construction** | All-welded construction for maximum reliability. |
| **Mounting** | Bolt-down terminals for high-vibration environments. |
| **Coating** | Silicone-based coating for environmental protection. |
---
## 2. Technical Specifications
The "43D" in the part number refers to the physical size and shape, while the "R" signifies specific resistance values or lead styles depending on the sub-series.
* **Resistance Values:** Typically very low (e.g., $100 \mu\Omega$ or $0.0001 \Omega$) to minimize power loss.
* **Power Rating:** Can handle high continuous power (up to 36W or more depending on heat sinking).
* **Tolerance:** Tight tolerances (often $\pm 5\%$) to ensure accurate current measurement.
* **Temperature Coefficient (TCR):** Low TCR (typically $< 20 \text{ ppm}/^\circ\text{C}$) to ensure readings remain accurate as the part heats up.
---
## 3. Electronic Functionality
The part acts as a transducer between high-amperage current and low-level voltage signals.
1. **Current Sensing:** As current flows through the shunt, a millivolt ($mV$) signal is generated across the sense leads.
2. **Thermal Stability:** Because high current generates heat, the WSBS series uses a Manganese-Copper alloy to maintain stable resistance, preventing "thermal drift" in the readings.
3. **Low Inductance:** Its solid metal construction results in very low inductance (typically $< 5\text{ nH}$), which is critical for measuring fast-switching currents without signal distortion.
---
## 4. Typical Applications
The WSBS-43D-R is most commonly found in:
* **Automotive BMS:** Monitoring state-of-charge (SoC) and state-of-health (SoH) in EV or ICE batteries.
* **Inverters:** High-power DC-to-AC conversion systems.
* **Forklifts & Heavy Equipment:** Monitoring battery discharge under heavy mechanical loads.
---
- ⤷What is the exact resistance value of the WSBS-43D-R model?
- ⤷ How does the 'R' suffix change the mounting configuration?
- ⤷ Can this shunt be used for AC current measurement?