công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WSBS-32B-R/Q

  • AI
    ## Technical Overview of the WSBS-32B-R/Q The **WSBS-32B-R/Q** (often manufactured by Vishay/Dale) is a high-current, high-precision shunt resistor designed primarily for battery management systems (BMS) and power monitoring applications. It is part of the "Power Metal Strip" family. --- ### 1. Key Electronic Specifications The performance of this component is defined by its ability to handle high current while maintaining extremely low resistance to minimize power loss. | Parameter | Specification (Typical) | | :--- | :--- | | **Resistance Value** | 100 µΩ to 500 µΩ (Commonly 100 µΩ) | | **Power Rating** | Up to 36 W | | **Current Handling** | Up to 600 A (continuous) | | **Tolerance** | ±1.0% or ±5.0% | | **TCR (Temp. Coeff.)** | < ±200 ppm/°C | | **Operating Temp.** | -65 °C to +170 °C | --- ### 2. Internal Composition and Design The "Electronic Parts" of this shunt are not traditional circuits but rather specialized metallurgical components: * **Resistance Element:** Made from a solid Manganese-Copper (Manganin) or Nickel-Chrome alloy. These materials are chosen for their stability across a wide temperature range. * **Terminals:** Large copper terminals are used to ensure high thermal conductivity and low contact resistance. * **Construction:** The element is electron-beam welded to the copper terminals. This provides a robust physical bond capable of withstanding extreme vibration and thermal shock. --- ### 3. Functional Features * **Low Inductance:** Due to the flat strip design, the parasitic inductance is extremely low (< 5 nH). This allows the part to be used in high-frequency switching environments. * **Low Thermal EMF:** The design minimizes the "thermocouple effect" where temperature differences between two dissimilar metals create a voltage error. This ensures accurate current readings even as the component heats up. * **Kelvin Connection Capability:** Although a two-terminal physical block, it is intended to be used with a 4-terminal (Kelvin) sensing layout on the PCB/Busbar to eliminate the resistance of lead wires from the measurement. --- ### 4. Primary Applications Because of its high power density, the WSBS-32B-R/Q is found in: 1. **Electric Vehicles (EV):** Battery sensing for state-of-charge (SoC) calculations. 2. **Solar Inverters:** Monitoring high-current DC inputs. 3. **Industrial UPS:** Large-scale battery backup systems. 4. **Forklifts/Heavy Machinery:** Motor controller current feedback. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a shunt resistor and a standard current sensor for high-current applications?
    • ⤷ How does temperature affect the accuracy of the WSBS-32B series?
    • ⤷ What are the PCB mounting requirements for 600A shunt resistors?