WSBS-32B-R
AI

## Overview of WSBS-32B-R
The **WSBS-32B-R** is a specific electronic component manufactured by **Vishay Dale**. It belongs to the family of **Power Metal Strip® Battery Shunt Resistors**. These components are primarily designed for high-precision current sensing in automotive and industrial battery management systems (BMS).
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Resistance Value** | Typical 100 µΩ (micro-ohms) |
| **Power Rating** | Up to 36 W (depending on configuration) |
| **Tolerance** | ± 5.0% (standard) |
| **Temperature Coefficient** | < 20 ppm/°C (Resistive element) |
| **Operating Temperature** | -65 °C to +170 °C |
| **Inductance** | < 5 nH |
---
### Internal Construction and Design
The WSBS-32B-R is engineered to handle high current loads while maintaining extreme accuracy. Its construction includes several specialized electronic features:
1. **Resistive Element:** It utilizes a solid **manganin-copper alloy** resistive element. This material is chosen for its low Temperature Coefficient of Resistance (TCR), ensuring the resistance doesn't drift significantly as the part heats up.
2. **All-Welded Construction:** The resistive element is electron-beam welded to the copper terminals. This eliminates the risk of joint failure under high thermal stress and reduces internal resistance.
3. **Low Thermal EMF:** The design minimizes the "thermocouple effect" (Voltage < 3 µV/°C), which is critical when measuring very small voltage drops across the shunt.
4. **Integrated Connector:** The "R" in the suffix often refers to the integrated connector or specific mounting configuration, allowing it to interface directly with an Intelligent Battery Sensor (IBS) or a PCB.
---
### Common Applications
This part is vital in systems where monitoring the State of Charge (SoC) and State of Health (SoH) of a battery is required:
* **Automotive BMS:** Monitoring lead-acid or lithium-ion starter batteries.
* **Electric Vehicles (EV):** Current sensing for high-voltage battery packs.
* **Energy Storage:** Large-scale solar or wind battery backups.
* **Heavy Equipment:** Monitoring power consumption in industrial machinery.
---
### Mechanical Footprint
The physical design is characterized by a "32" size code, roughly translating to a 3.2-inch length (approx. 81mm). It features robust mounting holes for bolting directly to battery terminals or busbars to ensure a low-impedance connection.
- ⤷What is the difference between the WSBS-32B and the WSBS-8518 model?
- ⤷ How do you calculate current based on the voltage drop across this shunt?
- ⤷ What are the recommended mounting torques for this specific resistor?