công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WSBS-32A-R/

  • AI
    The **WSBS-32A-R** is a high-precision, industrial-grade current sense resistor manufactured by Vishay Dale. It belongs to the Power Metal Strip® series, specifically designed for battery management and high-current sensing applications. --- ### ## Technical Specifications The following table summarizes the core electronic characteristics of the WSBS-32A-R: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 100 µΩ (0.0001 Ω) to 1.0 mΩ | | **Power Rating** | 36 W (high power handling) | | **Tolerance** | ±5.0% (Standard) | | **Temperature Coefficient (TCR)** | < ±200 ppm/°C | | **Operating Temperature** | -65 °C to +170 °C | | **Construction** | Solid metal manganese-copper alloy | --- ### ## Key Electronic Components & Features ### 1. Shunt Resistor Technology Unlike standard thin-film or carbon resistors, the WSBS-32A-R is a **Shunt Resistor**. It uses a massive, solid metal element to minimize resistance. The low resistance value (measured in micro-ohms) ensures that the voltage drop across the component is minimal, preventing excessive heat and energy loss. ### 2. Power Metal Strip® Construction * **Material:** It typically utilizes a manganese-copper alloy resistive element. * **Inductance:** It features very low inductance (< 5 nH), which is critical for high-frequency switching and accurate signal measurement in DC-DC converters. * **Thermal EMF:** It is engineered for low thermal EMF (Electromotive Force), which prevents temperature fluctuations from creating "phantom" voltage readings that would interfere with measurement accuracy. ### 3. All-Welded Construction The electronic junctions are welded rather than soldered internally. This provides superior robustness against mechanical and thermal shock, ensuring the part does not fail under the high-vibration environments typical of automotive battery systems. --- ### ## Primary Applications Because of its ability to handle extremely high current with high precision, it is found in the following electronic systems: * **Battery Management Systems (BMS):** Monitoring the charge/discharge rates of EV batteries. * **Smart Chargers:** Ensuring the current flow remains within safe limits. * **DC-DC Converters:** Serving as the primary feedback loop component for current regulation. * **Inverters:** High-power industrial motor controls. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical mounting configurations for the WSBS-32A-R series?
    • ⤷ How does the 36W power rating affect the thermal management design of a PCB?
    • ⤷ What is the difference between the WSBS-32A-R and a standard SMD current shunt?