WSBS-1AD-R/Q
AI

The **WSBS-1AD-R/Q** is a high-precision, low-resistance shunt resistor designed primarily for high-current sensing applications, such as automotive battery management systems (BMS). It is part of the Vishay Dale Power Metal Strip® series.
### 1. Technical Specifications
The following table summarizes the key electrical and physical parameters of the WSBS-1AD-R/Q:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Range** | 50 $\mu\Omega$ to 1000 $\mu\Omega$ (Typical) |
| **Power Rating** | Up to 36 W (Continuous) |
| **Tolerance** | ± 1.0% or ± 5.0% |
| **Temperature Coefficient** | < 20 ppm/°C (Resistive Element) |
| **Operating Temperature** | -65 °C to +170 °C |
| **Construction** | Electron-beam welded Manganin/Aluchrom alloy |
---
### 2. Key Electronic Features
#### A. Power Metal Strip® Technology
Unlike standard thick-film resistors, this part uses a solid metal alloy as the resistive element. This construction allows it to handle massive current surges without suffering from thermal drift or permanent resistance shifts.
#### B. Extremely Low Resistance (Shunt)
Because the resistance is in the micro-ohm ($\mu\Omega$) range, it minimizes power loss ($P = I^2R$). This is critical in electric vehicles (EVs) where efficiency and heat management are priorities.
#### C. Thermal EMF and Stability
The "R/Q" variants are often characterized by:
* **Low Thermal EMF:** Minimizes voltage errors caused by temperature gradients across the terminals.
* **AEC-Q200 Compliance:** The "Q" in the suffix typically denotes automotive grade qualification, meaning it has passed rigorous stress testing for vibration, thermal shock, and moisture.
---
### 3. Connection and Configuration
The physical design is specific to high-current environments:
* **Terminals:** Large copper terminals designed for bolting or welding directly to busbars or heavy-gauge wiring.
* **Kelvin Connection (4-Terminal Sensing):** In electronic circuits, this part is used with a Kelvin sensing setup. Two terminals carry the high load current, while two smaller sensing points measure the voltage drop ($V = I \times R$) to calculate current accurately via a BMS controller.
---
### 4. Typical Applications
1. **Automotive BMS:** Monitoring state-of-charge (SoC) and state-of-health (SoH) in EV batteries.
2. **Solar Inverters:** Measuring DC string currents.
3. **Industrial Power Supplies:** Overcurrent protection in high-power motor drives.
- ⤷
What is the significance of the 'R/Q' suffix regarding AEC-Q200 standards?
- ⤷ How does the electron-beam welding process improve the performance of this shunt?
- ⤷ What are the recommended mounting techniques to minimize thermal resistance?