WSBS-16BC-R/E
AI

The **WSBS-16BC-R/E** is a high-performance **wall-mounted speaker system** typically used in professional PA (Public Address) and emergency evacuation systems. It is designed to meet strict safety standards, such as EN 54-24.
Below is a detailed breakdown of its electronic components and specifications.
### 1. Core Technical Specifications
The unit is engineered to convert high-voltage audio signals into acoustic energy with high efficiency.
| Parameter | Specification |
| :--- | :--- |
| **Rated Power** | 16W |
| **Power Taps** | 16W / 8W / 4W / 2W |
| **Input Voltage** | 70V / 100V |
| **Sensitivity (1W/1m)** | ~92 dB |
| **Frequency Response** | 100Hz - 18kHz |
| **IP Rating** | IP54 (typically, for outdoor/indoor use) |
---
### 2. Key Electronic Components
#### A. Multi-Tap Matching Transformer
Because this is a constant voltage speaker (70V/100V), it contains a step-down transformer.
* **Function:** It matches the high-impedance line from the amplifier to the low-impedance voice coil of the speaker driver.
* **Tapping:** It features multiple primary windings (taps), allowing the installer to select the wattage (16W down to 2W) to balance the volume across different zones.
#### B. The Transducer (Driver)
* **Voice Coil:** Usually made of heat-resistant copper wire wound on a Kapton or Aluminum former to handle the 16W thermal load.
* **Magnet:** Ferrite magnet assembly designed for high flux density.
* **Cone Material:** Treated paper or polypropylene to ensure durability against humidity.
#### C. Protective Circuitry (E-Type / EN 54)
The "/E" suffix usually denotes an **Emergency** or **Evacuation** version. These units include:
* **Ceramic Terminal Block:** Unlike plastic, ceramic won't melt in a fire, ensuring the signal path isn't shorted.
* **Thermal Fuse:** Designed to disconnect the speaker from the line if the temperature rises excessively, preventing a single damaged speaker from failing the entire 100V loop.
* **Fire-Resistant Wiring:** Internal cabling is often high-temperature rated.
---
### 3. Connection Diagram Logic
The electronics are wired in a specific sequence to ensure safety:
```text
[100V Line In] --> [Ceramic Terminal] --> [Thermal Fuse] --> [Power Tap Transformer] --> [Speaker Driver]
```
---
### 4. Physical Construction Factors
While not "electronic" in the traditional sense, these parts protect the electronics:
* **Enclosure:** Impact-resistant ABS or metal (depending on the specific sub-model).
* **Grille:** Powder-coated steel to protect the transducer from physical damage.
- ⤷
What is the difference between the 70V and 100V tapping options on this speaker?
- ⤷ How does the ceramic terminal block improve safety during a fire?
- ⤷ Can this speaker be used with a standard 8-ohm home audio receiver?