WSBS-152B-R/E
AI

The **WSBS-152B-R/E** is a high-precision, automotive-grade Power Shunt Resistor manufactured by **Vishay Dale**. It is specifically designed for battery management and high-current sensing applications.
### 1. Technical Specifications
The following table outlines the key electrical and physical characteristics of the WSBS-152B-R/E:
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 100 $\mu\Omega$ (0.0001 $\Omega$) |
| **Power Rating** | 36 W |
| **Tolerance** | ± 5% (Standard) |
| **Temperature Coefficient (TCR)** | ± 200 ppm/°C |
| **Operating Temperature Range** | -65 °C to +170 °C |
| **Inductance** | < 5 nH |
| **Construction** | Solid metal manganese-copper alloy |
---
### 2. Key Design Features
* **AEC-Q200 Qualified:** This part is tested and certified for automotive environments, meaning it can withstand high vibrations and extreme thermal cycling.
* **Electron Beam Welded:** The resistor utilizes a specialized welding process to join the resistive element to the copper terminals, ensuring low thermal EMF and high stability.
* **Low Inductance:** Its structural design minimizes parasitic inductance, which is critical for accurate current measurement in high-speed switching circuits.
* **Current Handling:** Due to the extremely low resistance (100 micro-ohms), it can handle several hundred amperes with minimal heat dissipation compared to standard resistors.
---
### 3. Application Areas
The WSBS-152B-R/E is primarily used as a **Current Sense Resistor**. By measuring the voltage drop across the shunt ($V = I \times R$), the system controller can calculate the current flowing through the circuit.
1. **Battery Management Systems (BMS):** Monitoring the state of charge (SoC) and health (SoH) in Electric Vehicle (EV) batteries.
2. **Solar Inverters:** Monitoring high-current DC output.
3. **Industrial Controls:** Measuring current in heavy-duty motor drives and power supplies.
4. **Welding Equipment:** Precision monitoring of output current.
---
### 4. Part Number Breakdown (Nomenclature)
* **WSBS:** Power Shunt Battery Sensor series.
* **152B:** Physical size/package code.
* **R/E:** Lead (Pb)-free and RoHS compliant termination.
- ⤷
What is the maximum current this resistor can handle based on its 36W power rating?
- ⤷ How does the electron beam welding process improve the accuracy of this shunt?
- ⤷ What are the mounting requirements for this specific package size?