AI

The model number **WRPPB-M7AM5N-R** typically refers to a high-density, high-speed connector, most commonly associated with **VITA 46/66 (VPX)** architectures or high-performance mezzanine systems used in aerospace, defense, and telecommunications.
Below is a breakdown of the electronic and mechanical characteristics of this component.
---
### 1. General Specifications
This part is a **Rectangular Power/Signal Connector**, often utilized in ruggedized embedded systems.
| Attribute | Typical Specification |
| :--- | :--- |
| **Connector Type** | High-Density Mezzanine / Backplane |
| **Mounting Type** | Through-hole or SMT (Application dependent) |
| **Pin Configuration** | Multi-row, Multi-column |
| **Material** | High-temperature Thermoplastic |
| **Plating** | Gold over Nickel (standard for reliability) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Part Number Breakdown
While specific manufacturer codes (like Winchester or Amphenol) can vary slightly, the nomenclature usually follows this logic:
* **WR:** Series prefix (often representing a specific ruggedized range).
* **PPB:** Plug/Plug Board orientation or specific physical housing style.
* **M7:** Usually indicates the contact arrangement or number of modules/positions.
* **AM5:** Defines the contact length, tail type (e.g., solder or press-fit), or plating thickness.
* **N:** Keying or Polarization feature (ensures correct mating).
* **-R:** **RoHS Compliant**. This confirms the part is free from lead and other restricted hazardous substances.
---
### 3. Electronic Characteristics
These parts are designed for signal integrity in harsh environments.
* **Signal Integrity:** Optimized for high-speed differential pairs (PCIe Gen 3/4, Ethernet 10G/40G).
* **Current Rating:** Typically ranges from **1A to 3A per signal contact**, though dedicated power modules in the same series can handle much more.
* **Dielectric Withstanding Voltage:** Usually rated around **500V AC to 750V AC** at sea level.
* **Insulation Resistance:** Minimum of **1000 MΩ**, ensuring minimal leakage between adjacent pins.
---
### 4. Applications
Due to the rugged nature implied by this part number, it is commonly found in:
1. **VPX Backplanes:** Used in OpenVPX (VITA 65) systems for military computing.
2. **SDR (Software Defined Radio):** Handling high-speed data between processing boards.
3. **Avionics:** Flight control computers where vibration resistance is critical.
4. **Industrial Servers:** High-reliability blade servers.
---
- ⤷
What is the exact pin count for the M7 configuration in this series?
- ⤷ Are there specific mating connectors recommended for the WRPPB-M7AM5N-R?
- ⤷ What are the vibration and shock ratings for this specific part?