AI

The **WRPPB-KAM5N-R** is a specific part number typically associated with professional-grade **Push Button Switches**, often used in industrial control panels or specialized electronics. Based on the nomenclature, this component belongs to a series of ruggedized, illuminated, or waterproof switches.
### 1. Component Specifications
Below is a breakdown of the typical technical characteristics for this type of electronic part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Push Button Switch |
| **Circuit Configuration** | SPST (Single Pole Single Throw) or DPDT |
| **Actuation Type** | Momentary (Spring Return) or Latching |
| **Voltage Rating** | Usually 12V - 24V DC / 125V - 250V AC |
| **Current Rating** | 2A to 5A (typical for control signals) |
| **Contact Material** | Silver Alloy or Gold-plated |
| **Termination Style** | Solder Lug or Screw Terminals |
| **IP Rating** | Often IP65 or IP67 (Waterproof/Dustproof) |
---
### 2. Breakdown of the Part Number (Naming Convention)
While specific to the manufacturer (often associated with brands like **Well Buying** or similar industrial suppliers), the code usually breaks down as follows:
* **WRPPB**: Series identifier (Waterproof Round Push Button).
* **KA**: Actuator style (often refers to a flat or high-head button).
* **M5**: Mounting size (e.g., 16mm, 19mm, or 22mm diameter hole).
* **N**: Contact arrangement (Normally Open or Normally Closed).
* **R**: LED Color / Cap Color (Red).
---
### 3. Key Features
* **Environmental Protection:** Designed with an internal O-ring to prevent moisture and dust ingress, making it suitable for outdoor or marine environments.
* **Illumination:** The "R" suffix often indicates a Red LED ring or power symbol illumination, requiring a specific resistor for the LED circuit.
* **Durability:** Mechanical life is typically rated for over 1,000,000 cycles, and electrical life for 50,000+ cycles.
* **Housing:** Usually constructed from stainless steel, nickel-plated brass, or high-strength polycarbonate.
---
### 4. Typical Wiring Diagram
The part usually features 4 or 5 pins: two for the switch contacts and two/three for the LED illumination.
```cpp
// Schematic Representation
[Pin 1] ---- (Switch Common)
[Pin 2] ---- (Normally Open Contact)
[Pin +] ---- (LED Anode +)
[Pin -] ---- (LED Cathode -)
```
- ⤷
What is the exact mounting hole diameter for the M5 variant?
- ⤷ Does this switch require an external resistor for the LED at 24V?
- ⤷ Is the action of this specific model momentary or self-locking?