công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WRPPB-JANR-R

  • AI
    The **WRPPB-JANR-R** is a specific part number typically associated with professional-grade **Ethernet Connectors**, specifically **RJ45 Jacks** with integrated magnetics. This component is commonly used in networking hardware to facilitate physical and electrical connection to a LAN. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics of this component series: | Parameter | Specification (Typical) | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Orientation** | Right Angle (Horizontal) | | **Magnetics** | Integrated (Internal Transformer) | | **LED Configuration** | Bi-Color or Dual (Yellow/Green) | | **Shielding** | Metal Shield with EMI Tabs | | **Mounting Type** | Through-Hole (THT) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | --- ## 2. Key Internal Components ### A. Integrated Magnetics (MagJack) Unlike a simple mechanical plug, the WRPPB-JANR-R contains internal wound components. These serve three primary functions: 1. **Isolation:** Protects the equipment from high-voltage transients on the network cable. 2. **Impedance Matching:** Ensures signal integrity between the PHY chip and the cable. 3. **Noise Suppression:** Filters out Electromagnetic Interference (EMI) using Common Mode Chokes. ### B. EMI Shielding The metal housing surrounding the plastic body is grounded to the PCB. The "tabs" (small spring-like fingers) on the shield ensure a tight electrical bond with the chassis, reducing radio frequency interference. ### C. LED Indicators The "JANR" suffix often denotes specific LED colors and orientations. These are powered by the Ethernet Controller to indicate: * **Link Status:** Solid light when a connection is established. * **Activity:** Flashing light during data transmission. --- ## 3. Pinout and Internal Diagram While specific internal wiring can vary by sub-model, the general pin mapping follows standard Ethernet protocols: ```text Standard RJ45 Pinout (Simplified): 1. TD+ (Transmit Data +) 2. TD- (Transmit Data -) 3. RD+ (Receive Data +) 4. NC/Terminated 5. NC/Terminated 6. RD- (Receive Data -) 7. NC/Terminated 8. NC/Terminated ``` --- ## 4. Typical Applications * **Networking Gear:** Switches, routers, and hubs. * **Industrial PC:** Embedded motherboards and PLC controllers. * **IoT Gateways:** Devices requiring a wired backhaul for data reliability.
    ✨ Follow-up Questions
    • ⤷ What is the exact LED color configuration for the 'JANR' suffix?
    • ⤷ Does this component support Power over Ethernet (PoE)?
    • ⤷ What is the recommended footprint for the PCB layout?