công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WRPP-DNJ-R/Q

  • AI
    The **WRPP-DNJ-R/Q** is a specific model identifier typically associated with **Platinum-Rhodium Thermocouple Temperature Sensors**, specifically the **S-type** high-precision series. These are industrial-grade components designed for extreme high-temperature environments. ### 1. Technical Specifications The electronics and physical construction of this part are defined by the materials used to generate the thermoelectric voltage (Seebeck effect). | Feature | Specification | | :--- | :--- | | **Thermocouple Type** | Type S (Platinum-Rhodium 10 - Platinum) | | **Temperature Range** | 0°C to 1600°C (Short term up to 1800°C) | | **Wire Diameter** | Usually Φ 0.5mm (Standard for precision) | | **Accuracy Class** | Class I or Class II | | **Protection Tube** | Corundum (99% Alumina) | --- ### 2. Core Electronic Components #### A. The Thermoelement (S-Type Wire) The "electronic" heart of the device consists of two dissimilar metal wires: * **Positive Pole (SP):** Platinum-Rhodium 10 alloy (90% Platinum, 10% Rhodium). * **Negative Pole (SN):** Pure Platinum. * **Function:** When a temperature gradient exists between the hot junction (tip) and the cold junction (terminals), it generates a millivolt (mV) signal proportional to the temperature. #### B. The Junction Block (Terminal Head) The **"Q"** or **"R"** in the suffix often refers to the housing or junction configuration: * **Terminal Block:** Usually made of ceramic to withstand heat soak. * **Terminals:** Brass or stainless steel screws where the compensation wires are attached. * **Waterproof Head:** The "DNJ" designation often implies a specific DIN-standard aluminum alloy junction box that protects the electrical connections from dust and moisture (IP65/IP67 rating). #### C. Insulation and Protection * **Internal Insulation:** High-purity alumina ceramic beads separate the two wires to prevent short circuits. * **External Sheath:** A Corundum tube provides chemical resistance and structural integrity at temperatures where most metals would melt or oxidize. --- ### 3. Application & Signal Processing Because the output is a low-voltage analog signal (millivolts), this part is typically integrated with: 1. **Compensation Wires:** Specialized cables used to extend the signal to a controller without introducing new junctions. 2. **Temperature Transmitters:** Often a 4-20mA puck is installed inside the "DNJ" head to convert the mV signal for long-distance transmission. 3. **PLC/PID Controllers:** Industrial computers that interpret the S-type voltage curve to manage furnace heaters. --- ### 4. Part Number Breakdown (Typical) * **W:** Temperature Instrument * **R:** Platinum-Rhodium Material * **P:** Thermocouple (Sensor) * **DNJ:** Designator for the specific junction box/mounting head style. * **R/Q:** Specific variants regarding the internal diameter or the connector type.
    ✨ Follow-up Questions
    • ⤷What is the difference between an S-type and a B-type thermocouple?
    • ⤷ How do I calibrate a WRPP series thermocouple?
    • ⤷ Can this sensor be used in a vacuum furnace environment?