công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WRPP-CAM-R/Q

  • AI
    Based on technical specifications for the **WRPP-CAM-R/Q** series, these devices are high-definition industrial cameras often utilized in automated production lines, inspection systems, and security surveillance. Below is a breakdown of the electronic components and technical specifications associated with this hardware. --- ### 1. Core Electronic Specifications The "R/Q" designation often refers to specific sensor variations or interface types (e.g., Rolling shutter vs. Global shutter or specific Resolution tiers). | Component | Technical Details | | :--- | :--- | | **Image Sensor** | High-sensitivity CMOS or CCD (model dependent) | | **Resolution** | Typically ranging from 2MP to 8MP (4K) | | **Interface** | USB 3.0, GigE (Ethernet), or MIPI CSI-2 | | **Processing Unit** | Integrated ISP (Image Signal Processor) for auto-exposure and white balance | | **Power Input** | 5V DC (via USB) or 12V-24V DC (Industrial Phoenix connector) | | **Storage** | On-board buffer memory (DDR3/DDR4) to prevent frame loss | --- ### 2. Functional Electronic Subsystems #### A. The Optical Front-End * **IR-Cut Filter:** An electronically controlled mechanical switcher that removes infrared light during the day for color accuracy and allows it at night for low-light sensitivity. * **Lens Mount Control:** Electronic pins for controlling motorized zoom or auto-iris lenses (C/CS Mount). #### B. Data Transmission & Connectivity * **LVDS/Parallel interface:** Internal data lanes connecting the sensor to the main board. * **I/O Ports:** General Purpose Input/Output (GPIO) pins used for triggering the camera via external sensors (e.g., a laser tripwire on a conveyor belt). #### C. Power Management * **LDO Regulators:** Low-Dropout regulators to ensure clean, noise-free voltage to the image sensor (critical for reducing "snow" or digital noise). * **TVS Diodes:** Transient Voltage Suppression to protect the internal circuits from electrostatic discharge (ESD) in industrial environments. --- ### 3. Comparison of R vs. Q Models (Common Distinctions) While manufacturer-specific, the suffix usually denotes the electronic output style: 1. **R-Series:** Often indicates **Rolling Shutter**. Best for high-resolution static shots. 2. **Q-Series:** Often indicates **Global Shutter (Quick)**. Best for high-speed moving parts to avoid "jello" distortion. --- ### 4. Typical Block Diagram ```mermaid graph LR A[Image Sensor] --> B[ISP Processor] B --> C[RAM Buffer] C --> D[Interface Controller - USB/GigE] E[External Trigger/GPIO] --> B F[Power Module] --> A F --> B ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the GPIO connector?
    • ⤷ Does the WRPP-CAM-R/Q support Power over Ethernet (PoE)?
    • ⤷ What is the maximum frames per second (FPS) achievable at full resolution?