WPT-51B-R
AI

The **WPT-51B-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide physical feedback to a user.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
Tactile switches like the WPT-51B-R are "momentary" switches, meaning they only complete the circuit while the button is being actively pressed.
| Feature | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Style** | Surface Mount Device (SMD/SMT) |
| **Orientation** | Right Angle (Horizontal actuation) |
| **Contact Arrangement** | SPST (Single Pole, Single Throw) |
| **Circuit State** | Normally Open (OFF until pressed) |
---
### 2. Electrical Characteristics
These parts are designed for low-power signal switching rather than high-power applications.
* **Current Rating:** Typically **50mA**.
* **Voltage Rating:** Usually **12V DC**.
* **Contact Resistance:** $\leq 100m\Omega$ (Initial).
* **Insulation Resistance:** $\geq 100M\Omega$ at 100V DC.
* **Dielectric Strength:** 250V AC for 1 minute.
---
### 3. Mechanical & Material Parts
The "R" in the part number often denotes **Right Angle** mounting or **Tape & Reel** packaging, depending on the manufacturer's naming convention.
#### Key Components:
1. **Actuator (Button):** The plastic part the user presses. In the WPT-51B-R, this is often a low-profile stem.
2. **Contact Dome:** A stainless steel or phosphor bronze disc. This provides the "click" feel (tactile feedback) and bridges the electrical contacts.
3. **Base (Housing):** High-temperature thermoplastic (LCP or Nylon) capable of withstanding lead-free reflow soldering temperatures.
4. **Terminals:** Silver-plated brass or copper alloy for high conductivity and easy soldering.
---
### 4. Typical Application Circuit
The WPT-51B-R is most commonly used as an input to a Microcontroller (MCU).
```cpp
// Typical logic for a Tactile Switch in C++
if (digitalRead(SWITCH_PIN) == LOW) {
// The WPT-51B-R is pressed
performAction();
}
```
---
### 5. Common Use Cases
* **Reset Buttons:** Found on PCBs for microcontrollers (like Arduino or ESP32).
* **User Interface:** Volume buttons, power buttons on small gadgets.
* **Edge Mounting:** Because it is a right-angle switch, it is ideal for mounting on the edge of a PCB so the button protrudes through the device casing.
- ⤷What is the typical operating force (in grams) for the WPT-51B-R?
- ⤷ Does this switch come in different stem heights for custom enclosures?
- ⤷ What are the recommended reflow soldering temperature profiles for this SMD part?