WPT-2A2-R
AI

The **WPT-2A2-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor** or a **Wireless Power Transfer (WPT)** coil component, often manufactured by companies like Sumida or similar specialized magnetics firms.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "WPT" prefix usually indicates its application in wireless power circuits, while the alphanumeric string defines its form factor and electrical ratings.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Wireless Power Receiver/Transmitter Coil or Power Inductor |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Core Material** | Ferrite (High permeability) |
| **Operating Temperature** | -40°C to +125°C (standard automotive/industrial grade) |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Key Electronic Characteristics
The performance of the WPT-2A2-R is defined by its ability to handle electromagnetic induction with minimal loss.
* **Inductance (L):** Usually measured in Microhenries (µH). In WPT systems, this value is tuned to match the resonant frequency (often 110-205 kHz for Qi standards).
* **DC Resistance (DCR):** Designed to be extremely low (mΩ range) to minimize heat dissipation and maximize power transfer efficiency.
* **Saturation Current ($I_{sat}$):** The point at which inductance drops by a specific percentage (e.g., 30%). This part is built to handle high peak currents without magnetic saturation.
* **Quality Factor (Q):** High Q-factor is a hallmark of this series, ensuring low energy loss during the wireless power oscillation cycle.
---
### 3. Structural Construction
The WPT-2A2-R utilizes specific materials to optimize the "proximity effect" and "skin effect" common in high-frequency power transfer.
* **Wire Type:** Often uses **Litz wire** (multiple thin strands insulated from each other) to reduce AC resistance.
* **Shielding:** Features a ferrite sheet backing. This serves two purposes:
1. It directs the magnetic flux toward the charging surface.
2. It shields the internal electronics of the device from electromagnetic interference (EMI).
---
### 4. Common Applications
This part is frequently found in compact consumer electronics and industrial IoT devices:
1. **Wearables:** Smartwatches and fitness trackers requiring wireless charging.
2. **Medical Devices:** Sealed sensors that cannot have exposed charging ports.
3. **IoT Nodes:** Small sensors powered by inductive coupling.
4. **Automotive:** Internal cabin sensors or key fob charging modules.
---
### 5. Technical Comparison
Typical comparison between WPT-series components:
| Feature | WPT-Standard | WPT-2A2-R (High Performance) |
| :--- | :--- | :--- |
| **Footprint** | Larger | Compact / Low Profile |
| **Efficiency** | Standard | High ($>85\%$ when paired) |
| **Shielding** | Basic | Enhanced Ferrite |
- ⤷
What is the exact inductance value (uH) for the WPT-2A2-R?
- ⤷ How does the ferrite shielding affect the EMI profile of this part?
- ⤷ Is this component compatible with the Qi wireless charging standard?