công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WPT-221-R

  • AI
    ### Overview of the WPT-221-R The **WPT-221-R** is an industrial-grade, panel-mount remote display unit designed primarily for weighing systems, specifically those utilizing wireless transmission (Wireless Platform Transmitter). It serves as a secondary or remote indicator for weighing scales, allowing operators to monitor weight data from a distance. --- ### Key Electronic Components and Features | Feature | Specification / Detail | | :--- | :--- | | **Display Type** | 6-digit high-intensity Red LED (approx. 0.8" to 1" height). | | **Communication** | RF (Radio Frequency) Wireless, typically 2.4GHz or 433MHz bands. | | **Power Supply** | AC 110V/220V or DC 12V-24V input options. | | **Interfaces** | Often includes RS-232 or RS-485 for secondary wired backup. | | **Enclosure** | Stainless steel or ruggedized plastic (Panel Mount). | --- ### Electronic Sub-Systems #### 1. Wireless Receiver Module The "R" in the model name signifies the **Receiver**. This module is tuned to match the frequency of the platform transmitter (e.g., WPT-221-T). It utilizes digital filtering to prevent interference from other industrial wireless equipment. #### 2. Microcontroller Unit (MCU) The brain of the WPT-221-R processes the incoming RF data packets. It performs: * **Error Checking:** Ensures the weight data received is consistent and not corrupted. * **Zero/Tare Calculation:** Processes local commands for zeroing the scale remotely. * **LED Driver Logic:** Manages the multiplexing of the 7-segment LED displays. #### 3. Power Management Circuit Since these are often installed in industrial panels, the electronic board contains: * **Step-down Converters:** To drop mains voltage to 5V or 3.3V for logic circuits. * **Filtering Capacitors:** To handle electrical noise common in factory environments. #### 4. Display Driver IC To maintain high brightness for outdoor or high-glare visibility, specialized constant-current LED drivers are used. This prevents flickering and ensures uniform brightness across all six digits. --- ### Technical Wiring Pinout (Typical) *Note: Always refer to the specific unit's sticker as pinouts can vary by manufacturing batch.* ```text [ Terminal Block ] Pin 1: AC/DC Power (+) Pin 2: AC/DC Power (-) Pin 3: Ground (GND) Pin 4: RS-232 TX (Optional) Pin 5: RS-232 RX (Optional) ``` --- ### Application in Weighing Systems In a typical setup, the **Electronic Load Cell** connects to a **Transmitter (WPT-221-T)**, which digitizes the analog signal and sends it via RF. The **WPT-221-R** receives this signal, decodes the digital string, and displays the weight in real-time without the need for physical cabling between the scale and the control room.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wireless range between the WPT-221-T and the WPT-221-R?
    • ⤷ How do I calibrate the WPT-221-R with a specific load cell?
    • ⤷ Does this model support Modbus communication for PLC integration?