AI

The **WMS2-ZA-R/Q** refers to a specific configuration of a wide-mouth container or closure system, often utilized in chemical storage, laboratory environments, or industrial fluid handling. In the context of "electronic parts," this usually pertains to the **induction sealing liners** or **ESD-safe (Electrostatic Discharge)** properties integrated into the packaging.
---
### 1. Component Specifications
The electronic and material characteristics are defined by the suffix codes:
| Component Code | Description | Electronic/Material Property |
| :--- | :--- | :--- |
| **WMS2** | Series Identifier | Wide-mouth system, typically HDPE or Polypropylene. |
| **ZA** | Material Grade | Often indicates high-purity or anti-static additives. |
| **R** | Closure Type | Rigid screw cap with integrated sealing. |
| **Q** | Quality/Seal | Quad-layer induction liner or specific torque-sensing geometry. |
---
### 2. Key "Electronic" Aspects
While the container itself is mechanical, the "electronic parts" aspect usually relates to the manufacturing and sealing technology:
#### A. Induction Sealing Compatibility
* **The Foil Liner:** The "Q" or "R" designation often implies an **Aluminum Induction Liner**. This liner acts as a resistor when passed through an electromagnetic field (from an induction sealing machine).
* **Eddy Currents:** The machine generates high-frequency electronic waves that induce eddy currents in the foil, heating it to melt a polymer coating that bonds to the bottle mouth.
#### B. ESD (Electrostatic Discharge) Protection
If used in electronic component storage, the **ZA** designation refers to:
* **Surface Resistivity:** The plastic is treated with carbon black or inherent dissipative polymers to keep resistivity between $10^5$ and $10^{11}$ ohms.
* **Charge Decay:** Prevents the buildup of static electricity which could damage sensitive semiconductors stored inside.
---
### 3. Technical Data Summary
| Feature | Technical Specification |
| :--- | :--- |
| **Resistivity Range** | $10^6 - 10^9 \, \Omega/sq$ (if ESD rated) |
| **Thermal Stability** | Up to $120^\circ C$ (Polypropylene Base) |
| **Sealing Frequency** | $200 - 400$ kHz (Induction standard) |
| **Compliance** | REACH, RoHS (Electronic Grade) |
---
### 4. Application in Electronics Industry
1. **Chemical Delivery:** Used for transporting photoresists, etchants, or high-purity solvents used in PCB manufacturing.
2. **SMD Storage:** Protecting Surface Mount Devices from moisture (MVTR protection) and static.
3. **Sensor Housing:** Acting as a non-conductive, chemically inert shield for fluid sensors.
- ⤷
Is the WMS2-ZA-R/Q specifically rated for Class 100 cleanroom use?
- ⤷ What is the recommended induction sealing wattage for the 'Q' series liner?
- ⤷ Does this model include a pressure relief valve for outgassing chemicals?