công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WMS2-FA-R/K

  • AI
    The **WMS2-FA-R/K** is a specific technical configuration for an industrial-grade **Micro-Switch** or **Limit Switch**, typically used in automation, safety systems, and machinery. This part belongs to a category of electromechanical components designed to detect the presence or position of an object through physical contact. --- ### Technical Specifications Overview Below are the primary electronic and mechanical characteristics of the WMS2 series components: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Micro-Switch / Limit Switch | | **Actuator Style** | Typically a "Roller" or "Plunger" (depending on the FA-R designation) | | **Contact Configuration** | SPDT (Single Pole Double Throw) or DPDT | | **Current Rating** | Usually 5A to 15A at 250VAC (model specific) | | **Operating Force** | High precision, low force activation | | **Environmental Rating** | IP67 (Waterproof/Dustproof) | --- ### Breakdown of the Model Code (WMS2-FA-R/K) Understanding the suffix is critical for identifying the electronic behavior: 1. **WMS2**: The series designation, indicating a rugged housing designed for high-cycle industrial environments. 2. **FA**: Refers to the "Fast-Action" or "Snap-Action" mechanism. This means the contacts switch state instantly regardless of the speed of the physical trigger. 3. **R**: Often indicates a **Roller** lever or **Reset** function, facilitating smooth interaction with moving cams or rails. 4. **K**: Generally denotes a specific terminal type (e.g., **Solder Terminals** or **Screw Terminals**) or a specific material coating on the contacts (e.g., Gold-plated for low-current signal switching). --- ### Key Electronic Components & Functions #### 1. Contact Materials The internal contacts are usually made of **Silver Alloy** (for power switching) or **Gold-flash** (for PLC logic signals). The "K" variant often implies enhanced reliability for low-voltage electronic circuits. #### 2. Snap-Action Mechanism Unlike a standard toggle, these parts use a spring-loaded "over-center" mechanism. This prevents "arcing" (sparks) between contacts, which extends the life of the switch and ensures a clean electronic signal to the controller. #### 3. Insulation & Dielectric Strength * **Insulation Resistance:** Typically 100MΩ minimum. * **Dielectric Strength:** Capable of withstanding 1,000V to 2,000V AC for one minute without breakdown between non-connected terminals. --- ### Applications * **Safety Interlocks:** Ensuring a machine door is closed before power is applied. * **Position Sensing:** Detecting when a hydraulic cylinder or conveyor belt has reached its limit. * **Control Logic:** Sending a pulse to a PLC (Programmable Logic Controller) to trigger the next step in an automated sequence.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the WMS2 series?
    • ⤷ How does the 'FA' snap-action mechanism prevent contact arcing?
    • ⤷ What are the mounting dimensions for the WMS2-FA-R/K housing?