công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WMS2-B1-R

  • AI
    The **WMS2-B1-R** is a specific model of a **water meter sensor** (often a pulse output or Hall effect sensor) commonly used in industrial and smart metering applications to convert mechanical water flow into electronic signals. ### 1. Key Electronic Components and Architecture The WMS2-B1-R operates primarily as an interface between a mechanical meter and a digital monitoring system. | Component | Description | Function | | :--- | :--- | :--- | | **Reed Switch / Hall Sensor** | The core sensing element. | Detects the magnetic field of the rotating magnet in the meter. | | **Pull-up Resistor** | Internal resistance (typically 10kΩ). | Ensures a stable high voltage when the switch is open. | | **Output Stage** | Open Collector or Dry Contact. | Allows the sensor to interface with PLCs, ESP32, or Arduino. | | **Cable / Connector** | Standard 2-wire or 3-wire lead. | Transmits the pulse signal to the microcontroller. | --- ### 2. Technical Specifications The electronic behavior of the device is defined by its pulse characteristics: * **Switching Voltage:** Typically 3V to 24V DC. * **Switching Current:** Low current (usually < 10mA) to prevent arcing. * **Pulse Rate:** Defined by the meter (e.g., 1 pulse per 1 liter or 1 pulse per 10 liters). * **Output Signal:** Square wave or Pulse. --- ### 3. Wiring Configuration Most variations of the WMS2-B1-R follow a standard wiring convention for integration into data loggers: ```cpp // Example: Arduino Connection Logic const int sensorPin = 2; // Connect WMS2-B1-R signal wire to Pin 2 volatile int pulseCount = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, FALLING); } void countPulse() { pulseCount++; } ``` --- ### 4. Operating Principle 1. **Mechanical Input:** As water flows, it spins a turbine containing a small magnet. 2. **Magnetic Induction:** Every time the magnet passes the **WMS2-B1-R**, it closes the internal electronic circuit. 3. **Pulse Generation:** This closure creates a "pulse." 4. **Signal Processing:** An external microcontroller counts these pulses to calculate the total volume and flow rate.
    ✨ Follow-up Questions
    • What is the specific pulse-per-liter ratio for the WMS2-B1-R model?
    • How do I troubleshoot a 'ghost pulse' issue in this sensor?
    • Can the WMS2-B1-R be used with a 5V PLC system?