WMS2-41-R/K
AI

The **WMS2-41-R/K** is a high-performance **Directional Coupler** typically used in RF (Radio Frequency) and microwave applications. It is designed by manufacturers like Mini-Circuits to provide precise signal monitoring and distribution across a wide bandwidth.
---
### 1. Key Technical Specifications
Below are the primary electronic characteristics of the WMS2-41-R/K:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 700 MHz to 4000 MHz |
| **Coupling Value** | 20 dB (Nominal) |
| **Insertion Loss** | Low (approx. 0.5 - 1.2 dB) |
| **Directivity** | High (typically 15 - 25 dB) |
| **Impedance** | 50 $\Omega$ |
| **Power Handling** | Up to 100W (CW) |
---
### 2. Physical and Material Composition
The "R/K" suffix often refers to the specific package type and environmental compliance (such as RoHS).
* **Case Style:** Typically a surface-mount (SMT) or plug-in module, designed for integration into PCB layouts.
* **Termination:** High-quality gold or tin-lead plating on terminals to ensure low contact resistance.
* **Substrate:** Uses high-frequency laminate materials (like Rogers or similar PTFE-based substrates) to minimize dielectric loss.
---
### 3. Functional Operation
The WMS2-41-R/K operates on the principle of electromagnetic coupling between two transmission lines.
1. **Main Path:** Signals travel from the Input port to the Output port with minimal energy loss (Insertion Loss).
2. **Coupled Path:** A small, precise fraction of the input energy (1/100th for a 20dB coupler) is diverted to the Coupled port.
3. **Isolation:** The component is designed to prevent signal leakage between the output and the coupled port, ensuring "Directivity."
---
### 4. Common Applications
* **Power Monitoring:** Measuring the output power of a transmitter without interrupting the signal flow.
* **SWR Measurement:** Used in Standing Wave Ratio bridges to detect reflected power.
* **Signal Sampling:** Tapping off a signal for feedback loops in Power Amplifiers (Linearization).
* **Antenna Arrays:** Distributing signals in phased-array radar or cellular base stations.
---
- ⤷What is the difference between directivity and isolation in this coupler?
- ⤷ Can this component be used in 5G frequency bands?
- ⤷ How does temperature affect the coupling accuracy of the WMS2-41?