công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WMS2-2A-R/K

  • AI
    The **WMS2-2A-R/K** is a high-performance **Step Motor Driver** module, typically manufactured by **Sanyo Denki** (Sanmotion series). This specific model is designed to drive 2-phase stepping motors with high efficiency and precision. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the WMS2-2A-R/K driver: | Feature | Specification | | :--- | :--- | | **Motor Phase** | 2-Phase Stepping Motor | | **Input Voltage** | DC 24V / 36V (Typical Range) | | **Output Current** | 2.0A / Phase (Adjustable) | | **Drive Method** | Bipolar Constant Current PWM | | **Microstep Resolution** | Selectable via DIP switch (Full, Half, etc.) | | **Protection Circuits** | Overcurrent, Overheat, Low Voltage | --- ### 2. Main Electronic Components and Functions The internal circuitry of this driver consists of several critical stages: #### A. Power Stage (H-Bridge) The module uses **MOSFET H-Bridge circuits** to control the direction and magnitude of the current flowing through the motor coils. Because it is a bipolar driver, it can reverse the polarity of the current to achieve high torque. #### B. PWM Controller (Current Limiting) It employs **Pulse Width Modulation (PWM)** to maintain a constant current. This prevents the motor from overheating while ensuring high torque even at higher speeds. #### C. Logic Interface (Optocouplers) To protect the controlling PLC or Microcontroller (MCU), the input signals (Pulse, Direction, and Enable) are usually **optically isolated**. This prevents electrical noise from the motor side from damaging the logic side. #### D. Configuration Switches (DIP Switches) The "K" or "R" designations often refer to specific hardware configurations or connector types. The module includes internal or external switches to: * Set the **Running Current** (Amperes). * Set the **Step Resolution** (Microstepping). --- ### 3. Connection Pinout Overview | Pin Name | Function | Description | | :--- | :--- | :--- | | **+V / GND** | Power Input | Connects to the DC Power Supply. | | **A / A- / B / B-** | Motor Output | Connects to the 4 wires of the 2-phase motor. | | **Pulse (CW)** | Step Signal | Each pulse moves the motor one step. | | **Dir (CCW)** | Direction | High/Low signal to change rotation direction. | | **Enable** | Power Gate | Turns the motor current on or off. | --- ### 4. Application Considerations * **Heat Dissipation:** Despite its high efficiency, at 2.0A, the driver requires a heat sink or adequate airflow. * **Wiring:** Always use twisted-pair shielded cables for the motor lines to reduce Electromagnetic Interference (EMI).
    ✨ Follow-up Questions
    • ⤷ How do I set the DIP switches for microstepping on this model?
    • ⤷ What is the difference between the R and K suffixes in this series?
    • ⤷ Can this driver be used with a 4-phase motor?