WMS2-1B-R/Q
AI

The **WMS2-1B-R/Q** is a specific variant of a mechanical switch, typically categorized as a **Micro Switch** or **Snap Action Switch**. These components are widely used in industrial controls, automotive systems, and consumer electronics due to their high reliability and rapid switching action.
---
## 1. Technical Specifications
The part number break-down generally refers to the physical build, electrical rating, and terminal configuration.
| Parameter | Typical Specification |
| :--- | :--- |
| **Switch Type** | Miniature Snap Action / Micro Switch |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Actuator Type** | Simulated Roller Lever / Lever Arm |
| **Operating Force** | Medium (Typically 50g - 150g) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Current Rating** | 1A to 5A (Depending on exact sub-series) |
| **Termination** | Quick Connect / Solder Terminals |
---
## 2. Key Electronic Components & Materials
The internal architecture of the WMS2-1B-R/Q consists of several precision-engineered parts:
### A. Contact Material
* **Silver Alloy:** Most variants use silver-plated contacts to ensure low electrical resistance and minimize oxidation over time.
* **Gold Plating (Optional):** Some 'Q' variants may feature gold-crossbar contacts for low-current (logic level) switching to prevent "fretting" corrosion.
### B. The Spring Mechanism
* **Beryllium Copper Leaf:** The "snap" action is driven by a high-tension spring. This ensures that the transition between "Normally Closed" (NC) and "Normally Open" (NO) is instantaneous, regardless of how slowly the physical lever is pressed. This prevents **arcing**.
### C. Housing (The Shell)
* **Thermoplastic (PBT/PPS):** The outer casing is made from heat-resistant, flame-retardant plastic. This provides high dielectric strength, ensuring the user is insulated from the internal voltage.
---
## 3. Terminal Configuration
The device features three primary pins, which allow it to be used in different logic states:
1. **COM (Common):** The input terminal where the power source is connected.
2. **NC (Normally Closed):** The circuit is active when the lever is at rest.
3. **NO (Normally Open):** The circuit completes only when the lever is depressed.
---
## 4. Common Applications
Due to its robust design, the WMS2-1B-R/Q is frequently found in:
* **Limit Switches:** To detect the position of a door or a machine arm.
* **Safety Interlocks:** To cut power when a panel is removed.
* **User Interface:** As a tactile button in industrial control panels.
---
- ⤷
What is the difference between the 'R' and 'Q' suffixes in this part number?
- ⤷ How does the snap-action mechanism prevent electrical arcing?
- ⤷ What are the mounting dimensions for the WMS2 series switches?