công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WL40MW1F-R/E

  • AI
    The **WL40MW1F-R/E** is a high-performance **Wi-Fi 6 (802.11ax) + Bluetooth 5.2** combo module, typically based on a MediaTek chipset (such as the MT7921 series). These modules are widely used in smart TVs, set-top boxes, and high-end IoT devices requiring robust wireless connectivity. --- ### 1. Key Electronic Specifications The module integrates the physical layer (PHY) and Media Access Control (MAC) for both Wi-Fi and Bluetooth. | Parameter | Specification | | :--- | :--- | | **Wi-Fi Standard** | IEEE 802.11a/b/g/n/ac/ax (Wi-Fi 6) | | **Bluetooth Standard** | Bluetooth 5.2 (Dual Mode: BR/EDR + LE) | | **Frequency Bands** | 2.4 GHz and 5 GHz (Dual Band) | | **Data Rates** | Up to 1200 Mbps (MCS11, 80MHz bandwidth) | | **Interface** | USB 2.0 (High Speed) | | **Antenna Design** | 2T2R (2 Transmit, 2 Receive) MIMO | | **Supply Voltage** | 3.3V ± 10% | --- ### 2. Major Internal Components The internal architecture of the WL40MW1F-R/E consists of several critical electronic sub-sections: #### A. Main SoC (System on Chip) Usually a **MediaTek MT7921AU** or similar. This chip handles the baseband processing, radio frequency (RF) conversion, and the protocol stacks for both Wi-Fi 6 and Bluetooth. #### B. Front-End Modules (FEM) These are circuits placed between the SoC and the antennas. They include: * **Power Amplifiers (PA):** Boosts the signal for transmission. * **Low Noise Amplifiers (LNA):** Increases the sensitivity for receiving weak signals. * **RF Switches:** Toggles between Transmit (TX) and Receive (RX) modes. #### C. Quartz Crystals The module contains high-precision oscillators (typically 40MHz) to provide the reference clock for the RF frequency synthesis and the digital logic timing. #### D. Power Management (PMU) Localized LDOs (Low-Dropout Regulators) and decoupling capacitors ensure that the 3.3V input is stabilized and filtered to prevent noise from interfering with the sensitive RF components. --- ### 3. Pinout and Connectivity The module typically uses a multi-pin connector (often 8-pin to 12-pin) to interface with the host PCBA. | Pin Type | Description | | :--- | :--- | | **VCC** | 3.3V DC Power Input | | **D+ / D-** | USB 2.0 Differential Data Pair | | **GND** | Ground Reference | | **WOWL / BT_WAKE** | Wake-on-Wireless signals for power management | | **RESET** | Hardware reset pin | --- ### 4. Advanced Features * **OFDMA & MU-MIMO:** Allows the module to communicate with multiple devices simultaneously, reducing latency in crowded environments. * **TWT (Target Wake Time):** A Wi-Fi 6 feature that allows the module to negotiate when it wakes up to send/receive data, significantly lowering power consumption. * **WPA3 Support:** Latest security protocol for improved encryption and protection against brute-force attacks.
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption ratings for this module in sleep vs. active mode?
    • ⤷ Can this module be used with a PCIe interface instead of USB?
    • ⤷ Which drivers are required to support the MT7921 chipset in a Linux environment?