WJPAD2-7G2-R
AI

The **WJPAD2-7G2-R** is a specific electronic component, primarily used in industrial and consumer electronics for connectivity and signal transmission. Below is a detailed technical breakdown of its characteristics.
---
### 1. General Overview
The WJPAD2-7G2-R belongs to the category of **Board-to-Board (B2B)** or **FPC/FFC** (Flexible Printed Circuit) connectors. These parts are designed to bridge electrical signals between a main motherboard and secondary modules (like displays, cameras, or sensor boards).
### 2. Technical Specifications
While exact specifications can vary slightly by manufacturer (often associated with brands like *WCON* or specific industrial suppliers), the typical parameters for this series are:
| Feature | Specification |
|:---|:---|
| **Pitch** | Typically 0.5mm or 0.8mm (varies by sub-series) |
| **Contact Material** | Phosphor Bronze (often Gold-plated for conductivity) |
| **Housing Material** | High-Temperature Thermoplastic (LCP), UL 94V-0 rated |
| **Current Rating** | 0.5A per pin (Average) |
| **Voltage Rating** | 50V AC/DC |
| **Operating Temp** | -40°C to +105°C |
| **Mounting Type** | Surface Mount (SMT) |
### 3. Key Electronic Components & Design
* **Gold-Plated Contacts:** The "R" in the suffix often denotes **RoHS compliance** and specific plating. Gold plating is used to prevent oxidation and ensure low contact resistance over multiple mating cycles.
* **Dual-Row Configuration:** Most parts in this series utilize a dual-row pin layout to maximize pin density while maintaining a small footprint on the PCB.
* **Pick-and-Place Cap:** Often comes with a plastic cap or Mylar film to allow vacuum nozzles on automated assembly lines to pick up the part.
* **Solder Tabs:** Large metal tabs on the sides (Ear-tabs) provide mechanical strain relief, ensuring the connector doesn't rip off the PCB during plugging/unplugging.
---
### 4. Part Number Breakdown (Typical)
While internal naming conventions vary, the code usually signifies:
1. **WJ:** Manufacturer series prefix.
2. **PAD:** Connector Type (often indicating a specific mating style or "Pad" landing).
3. **2:** Design revision or row count.
4. **7G2:** Specific pin count or geometry identifier.
5. **R:** Packaging type (e.g., Tape & Reel) and RoHS compliance.
---
### 5. Application Areas
* **Mobile Devices:** Connecting LCD screens to the main logic board.
* **IoT Modules:** Linking Wi-Fi/Bluetooth modules to the host processor.
* **Automotive:** Used in infotainment systems and dashboard displays.
* **Industrial:** Interface connections for PLC modules and handheld scanners.
- ⤷
What is the exact pin count for the 7G2 variant?
- ⤷ Are there compatible mating headers for this specific part number?
- ⤷ What are the recommended soldering profile settings for the WJPAD2 series?