công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WJPAD2-43B-R

  • AI
    The **WJPAD2-43B-R** is a specific electronic component, typically categorized as a high-performance **Directional Coupler** or a specialized **RF (Radio Frequency) Attenuator/Pad** assembly used in telecommunications and signal processing infrastructure. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed to manage signal flow within RF circuits, ensuring impedance matching and signal integrity. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Directional Coupler / Attenuator Pad | | **Frequency Range** | Usually optimized for 5 MHz to 1200 MHz (DOCSIS 3.1 compatible) | | **Impedance** | 75 Ohms (Standard for CATV/Broadband) | | **Connector Type** | Surface Mount (SMD) or Pin-type (depending on housing) | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Key Electronic Parts & Functionality The internal architecture of the WJPAD2-43B-R consists of several passive electronic elements: #### A. Ferrite Core Transformers * **Function:** Used to achieve high-frequency coupling and isolation. * **Detail:** These micro-transformers are wound with fine copper wire around high-permeability ferrite beads to minimize insertion loss while maintaining a flat frequency response. #### B. Resistor Network (The "Pad") * **Function:** Attenuates the signal by a specific decibel (dB) value. * **Detail:** Uses high-precision, low-noise thin-film resistors to ensure that signal reduction is consistent across the entire bandwidth without introducing distortion. #### C. Ceramic Capacitors * **Function:** DC Blocking and impedance tuning. * **Detail:** Small Surface Mount Device (SMD) capacitors are often integrated to prevent DC voltage from interfering with the RF signal path. --- ### 3. Electronic Performance Features * **Low Insertion Loss:** Engineered to ensure that the main signal path loses minimal power. * **High Return Loss:** Excellent impedance matching (75 Ohm) prevents signal reflections that could cause "ghosting" or data errors in digital systems. * **Flatness:** Maintains a consistent output level across the 5–1200 MHz range, which is critical for modern wideband applications. --- ### 4. Typical Application Circuit In a standard distribution system, the part is utilized as follows: ```mermaid graph LR A[Input Signal] --> B{WJPAD2-43B-R} B --> C[Main Output - Low Loss] B --> D[Coupled/Tap Port - Attenuated] ``` --- ### 5. Part Number Breakdown (Nomenclature) * **WJ:** Often refers to the manufacturer or series (originally associated with WJ Communications/TriQuint, now part of Qorvo, though often produced by specialty RF houses). * **PAD:** Indicates its primary function as an attenuator or coupling pad. * **43B:** Designates the specific dB value or internal configuration (e.g., 4.3dB or a specific revision code). * **-R:** Indicates "RoHS Compliant" (Restriction of Hazardous Substances).
    ✨ Follow-up Questions
    • ⤷ What is the exact dB attenuation rating for the 43B variant?
    • ⤷ Can this component be used in 50 Ohm RF systems?
    • ⤷ What are the soldering temperature profiles for the -R version?