WJPAD2-152-R
AI

The **WJPAD2-152-R** is a specific surface-mount electronic component, typically categorized as a **Wire-to-Board Wafer/Header**. This part is commonly used in high-density electronic assemblies where space-saving and reliable connectivity are paramount.
---
### 1. Technical Specifications
Below is a breakdown of the typical physical and electrical characteristics for this part series:
| Parameter | Specification |
| :--- | :--- |
| **Pitch** | 1.25mm or 1.5mm (Series dependent) |
| **Pin Configuration** | 2 Pins |
| **Mounting Type** | SMT (Surface Mount Technology) |
| **Orientation** | Right Angle (Side Entry) |
| **Contact Material** | Phosphor Bronze (Tin or Gold Plated) |
| **Housing Material** | High-Temperature Thermoplastic (LCP/Nylon) |
| **Voltage Rating** | 100V - 125V AC/DC |
| **Current Rating** | 1.0A - 2.0A |
---
### 2. Key Features
* **Space Efficiency:** The low-profile design allows for integration into slim devices like tablets, notebooks, and handheld sensors.
* **Polarization:** The housing is keyed to prevent incorrect mating (reverse polarity) with the female housing.
* **Friction Lock:** Features a small bump or indentation to ensure the mated cable stays securely in place during vibration.
* **SMT Leads:** Designed with "gull-wing" leads for easy automated pick-and-place assembly and reliable solder inspection.
---
### 3. Common Applications
Due to its small footprint and reliability, the WJPAD2-152-R is found in several sectors:
1. **Consumer Electronics:** Internal battery connections, speaker headers, and LED backlight strips.
2. **Industrial:** Sensor interfaces and control board signal routing.
3. **Automotive:** Interior lighting modules and dashboard display connections.
---
### 4. Component Structure (Materials)
The longevity of the part is determined by its construction:
* **Insulator:** Usually UL 94V-0 rated to ensure fire safety and resistance to soldering heat (Reflow soldering).
* **Plating:** The "R" in the suffix often denotes compliance (RoHS) or specific packaging (Reel/Tape). The tin plating on the contacts ensures low contact resistance and prevents oxidation.
---
- ⤷
What is the mating connector part number for the WJPAD2-152-R?
- ⤷ Can this component withstand lead-free reflow soldering temperatures?
- ⤷ What are the specific dimensions of the PCB footprint for this part?