WJPA-3B2-R
AI

## Overview of WJPA-3B2-R
The **WJPA-3B2-R** is a specific electronic component typically identified as a **High-Frequency Power Splitter/Combiner** or a passive RF component used in telecommunications and signal processing. It is designed to divide an input signal into multiple outputs or combine multiple signals into a single output with minimal loss.
---
### Technical Specifications
Below are the general technical characteristics associated with this category of RF components:
| Feature | Description |
| :--- | :--- |
| **Component Type** | RF Power Splitter / Combiner |
| **Configuration** | 3-Way (indicated by the '3' in the part number) |
| **Frequency Range** | Typically wideband (e.g., 500 MHz to 3000 MHz) |
| **Impedance** | 50 Ohms (Standard for RF systems) |
| **Mounting Type** | Surface Mount (SMD) / PCB Mount |
| **RoHS Compliance** | Yes ('R' suffix often denotes RoHS compliant) |
---
### Key Electronic Functions
#### 1. Signal Splitting
The device takes a single RF input and splits it into three equal outputs. Ideally, the power level at each output is $1/3$ of the input power (minus insertion loss).
#### 2. Signal Combining
In reverse, the component can take three separate signals and sum them into one. This is crucial in power amplifier modules where multiple low-power signals are combined to create a high-power output.
#### 3. Isolation
A critical electronic feature of the WJPA series is **Port-to-Port Isolation**. This ensures that signals from one output port do not leak back into another output port, preventing interference and maintaining signal integrity.
#### 4. Phase and Amplitude Balance
The internal circuitry is tuned to ensure that the three output signals are perfectly in phase (0-degree shift) and have equal amplitudes, which is vital for antenna arrays and MIMO systems.
---
### Typical Internal Construction
The part usually consists of a **Wilkinson Power Divider** circuit etched on a high-frequency ceramic or FR4 substrate. It utilizes:
* **Thin-film resistors:** For balancing and isolation.
* **Quarter-wave transformers:** To match the impedance between the input and multiple output ports.
---
### Applications
* **Base Stations:** Distributing signals to multiple antennas.
* **Test Equipment:** Splitting signals for simultaneous measurement.
* **WLAN/Wi-Fi Routers:** Managing multiple data streams.
- ⤷
What are the specific insertion loss values for the WJPA-3B2-R?
- ⤷ Can this component be used in high-power transmitters exceeding 10W?
- ⤷ What is the recommended footprint for soldering this onto a PCB?