WJPA-2C1-R
AI

The **WJPA-2C1-R** is an electronic component typically associated with **WAVEJA** (a manufacturer specializing in precision switches and connectors). Specifically, this part number refers to a **Right-Angle Tactile Switch**.
Below is a detailed breakdown of its electronic specifications and mechanical characteristics.
---
### 1. General Specifications
The WJPA-2C1-R is a momentary push-button switch designed for PCB (Printed Circuit Board) mounting.
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Through-Hole (THT) |
| **Orientation** | Right-Angle (Side-Actuated) |
| **Contact Arrangement** | SPST (Single Pole Single Throw) |
| **Operating Force** | Typically 160gf to 250gf (varies by sub-series) |
### 2. Electrical Characteristics
These parts are designed for low-power signal switching, typically found in consumer electronics control panels.
| Feature | Value |
| :--- | :--- |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | 100mΩ Max |
| **Insulation Resistance** | 100MΩ Min @ 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Bounce Time** | 10ms Max |
### 3. Material Composition
The "R" in the suffix often denotes compliance with environmental standards or a specific packaging/actuator height variant.
* **Actuator:** High-temperature Thermoplastic (often PPA or Nylon).
* **Base:** Heat-resistant resin for wave soldering.
* **Terminals:** Copper alloy with Silver or Gold plating for high conductivity.
* **Contact Disk:** Stainless steel with silver cladding to ensure tactile feedback (the "click").
### 4. Common Applications
Due to its small footprint and side-actuation, the WJPA-2C1-R is frequently used in:
* **Consumer Electronics:** Volume buttons on portable speakers or cameras.
* **Industrial:** Reset switches on internal PCB assemblies.
* **Computing:** Power or reset buttons on small form factor motherboards.
* **Medical:** Interface buttons for handheld diagnostic tools.
---
### Mechanical Drawing Representation
The "Right-Angle" nature means the pins are bent at 90 degrees relative to the button press direction, allowing the button to protrude from the side of a device casing.
```text
[ Button ] <--- Side Actuation
_______|_______
| |
| Switch Body |
|_______________|
| |
[L] [L] <--- Terminals bent 90° for PCB Edge
```
- ⤷
What are the dimensions for the PCB footprint of the WJPA-2C1-R?
- ⤷ Is there a Surface Mount (SMD) equivalent for this tactile switch?
- ⤷ What is the mechanical life expectancy (number of cycles) for this part?