WJM-1G4-R
AI

The **WJM-1G4-R** is a high-performance **Magnetic RJ45 Connector** (often called a "MagJack"). It is primarily used in networking hardware to combine a physical RJ45 Ethernet port with the necessary magnetic components (transformers and chokes) required for signal conditioning and isolation.
---
### 1. Key Technical Specifications
The WJM-1G4-R is designed to support high-speed data transfer while protecting the integrated circuit (PHY) from electrical noise and surges.
| Feature | Specification |
| :--- | :--- |
| **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Configuration** | 1x1 Tab-Up (Single Port) |
| **LED Colors** | Typically Green/Yellow (indicates Link/Activity) |
| **Shielding** | Brass with Nickel plating (EMI protection) |
| **Mounting Type** | Through-Hole (THT) |
| **Isolation Voltage** | 1500 Vrms (Minimum) |
---
### 2. Internal Electronic Components
The "Magic" of the WJM-1G4-R lies inside the housing. It is not just a plastic socket; it contains a miniature PCB with several components:
#### A. Isolation Transformers
These provide galvanic isolation between the Ethernet cable and the device’s internal electronics. They protect the system from high-voltage transients and ground loops.
#### B. Common Mode Chokes
These are used to suppress electromagnetic interference (EMI). They filter out high-frequency noise that might be picked up by the twisted-pair cabling, ensuring signal integrity.
#### C. Termination Resistors (Bob Smith Termination)
The internal circuit usually includes a network of resistors (often 75 ohms) and a high-voltage capacitor. This helps in matching impedance and reducing common-mode emissions.
#### D. Integrated LEDs
The front of the connector features two LEDs. These are connected to the system's Ethernet Controller to provide visual status:
* **Solid Green:** Successful link established.
* **Flashing Yellow:** Data packets are being transmitted or received.
---
### 3. Pinout and Circuit Layout
The device typically follows a standard footprint for Gigabit Ethernet:
```text
Connector Side (RJ45) Internal Magnetics PCB Side (PHY)
[ 8 Pins ] ------------> [ Transformers ] --------> [ 10-12 Pins ]
[ & Chokes ]
```
* **Input (Cable Side):** Standard 8-pin RJ45 interface.
* **Output (Board Side):** Usually 10 or 12 pins that solder into the motherboard, including data pairs and LED anodes/cathodes.
---
### 4. Applications
Because of its integrated nature, the WJM-1G4-R is used where PCB space is limited and high reliability is needed:
* **Network Switches and Routers.**
* **Industrial PCs and Servers.**
* **Embedded Systems (IoT Gateways).**
* **Smart Televisions and Set-top boxes.**
- ⤷
What is the difference between Tab-Up and Tab-Down orientations in RJ45 connectors?
- ⤷ How do the internal magnetics protect the Ethernet PHY chip?
- ⤷ Can the WJM-1G4-R support Power over Ethernet (PoE) applications?