WJM-1C4W-R
AI

The **WJM-1C4W-R** is a specific type of **electromagnetic relay**, commonly used in industrial automation, security systems, and telecommunications. It is designed for low-power switching applications where reliability and isolation are required.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | 1C (SPDT - Single Pole Double Throw) |
| **Coil Voltage** | Typically 5V, 12V, or 24V DC (dependent on suffix) |
| **Contact Rating** | Usually 1A to 3A @ 120VAC / 24VDC |
| **Terminal Type** | PCB Mounting (Through-hole) |
| **Seal Type** | Sealed (Washable/Waterproof) |
---
### 2. Internal Components & Construction
The relay consists of four primary electronic/mechanical parts:
1. **Electromagnetic Coil:** A copper wire winding that generates a magnetic field when DC current passes through it.
2. **Armature:** A moving metal piece that is pulled toward the coil when energized.
3. **Contacts (1C/SPDT):**
* **Common (COM):** The input terminal.
* **Normally Closed (NC):** Connected to COM when the relay is off.
* **Normally Open (NO):** Connects to COM only when the relay is energized.
4. **Spring Mechanism:** Returns the armature to the default (NC) position once power is removed from the coil.
---
### 3. Circuit Symbol & Connection
In a schematic, the WJM-1C4W-R is represented by a coil icon and a switch icon.
```text
[Coil +] ----( L )---- [Coil -]
/---(NC)
(COM)---o
\---(NO)
```
---
### 4. Typical Applications
* **Signal Switching:** Routing low-current data or audio signals.
* **Microcontroller Isolation:** Allowing a 5V Arduino/ESP32 to control a 110V light bulb safely.
* **Telecom Equipment:** Used in switching logic for older telephone exchange interfaces.
* **Security Systems:** Triggering alarms or door locks.
---
### 5. Part Number Breakdown (WJM Series)
* **WJM:** Series identifier (Miniature Power/Signal Relay).
* **1C:** Contact arrangement (1 Form C / SPDT).
* **4:** Contact capacity/rating code.
* **W:** Sealing type (often indicates "Washable" or "Waterproof" plastic casing).
* **R:** RoHS compliant (Lead-free).
- ⤷
What is the maximum switching voltage for the WJM-1C4W-R?
- ⤷ How do I calculate the flyback diode needed for this relay coil?
- ⤷ What are the footprint dimensions for PCB layout?