công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WJM-140-R

  • AI
    The **WJM-140-R** is a high-performance, compact **Brushless DC (BLDC) motor** often utilized in specialized industrial applications, robotics, and small-scale electric propulsion. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Core Technical Specifications The "R" suffix typically denotes a high-efficiency or "Radial" configuration tailored for precision control. | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Nominal Voltage** | 12V - 24V DC (Model dependent) | | **Rated Speed** | 2,500 - 4,000 RPM | | **Communication Interface** | PWM (Pulse Width Modulation) | | **Feedback Mechanism** | Integrated Hall Effect Sensors | | **Bearings** | Dual High-Precision Ball Bearings | --- ### 2. Key Electronic Components #### A. Internal Stator and Windings The motor utilizes a **3-phase winding system**. Unlike brushed motors, the WJM-140-R uses an electronic commutator. Copper windings are arranged in a specific pole configuration to maximize torque density while minimizing heat generation. #### B. Hall Effect Sensors To achieve smooth startup and precise speed control, the motor contains three Hall sensors. These electronic components detect the position of the rotor magnets and send this data back to the Electronic Speed Controller (ESC). * **Purpose:** Allows for "sensored" operation, preventing cogging at low speeds. #### C. Built-in Protection Circuitry (Model Specific) Depending on the specific production batch, the WJM-140-R often includes: * **Over-current Protection:** Prevents the windings from burning out during a stall. * **Reverse Polarity Protection:** A diode-based circuit to prevent damage if the power leads are swapped. --- ### 3. Wiring and Connection Interface The electronic interface usually consists of two distinct wire sets: 1. **Power Leads (High Gauge):** * `Phase A / B / C`: Connected to the ESC to drive the motor. 2. **Signal Wires (Low Gauge):** * `VCC/GND`: Logic power for the sensors (usually 5V). * `H1, H2, H3`: Hall sensor output signals. --- ### 4. Integration Requirements To operate the WJM-140-R, the following electronic peripherals are required: | Component | Function | | :--- | :--- | | **ESC (Electronic Speed Controller)** | Converts DC battery power into 3-phase AC for the motor. | | **Microcontroller (MCU)** | (e.g., Arduino/STM32) Sends the PWM signal to the ESC to define speed. | | **DC Power Supply** | Must be capable of handling the "Surge Current" during motor startup. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the WJM-140-R at peak load?
    • ⤷ Which Electronic Speed Controller (ESC) brands are most compatible with this motor?
    • ⤷ Does the WJM-140-R support regenerative braking features?