WJM-13A-R
AI

## Overview of the WJM-13A-R
The **WJM-13A-R** is a specific model of a **Miniature Intermediate Power Relay**. These components are widely used in industrial automation, control panels, and consumer electronics to switch high-current loads using a low-power control signal.
---
### Key Technical Specifications
The electronic capabilities of the WJM-13A-R are defined by its coil and contact ratings.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) |
| **Contact Material** | Silver Alloy (AgSnO2 or AgCdO) |
| **Max Switching Current** | 13A to 15A |
| **Max Switching Voltage** | 250VAC / 30VDC |
| **Coil Nominal Voltage** | 5V, 12V, or 24V DC (Model dependent) |
| **Coil Power Consumption** | Approx. 0.36W to 0.45W |
| **Dielectric Strength** | 2,500V AC (between coil and contacts) |
---
### Main Electronic Components
The device consists of three primary internal sub-assemblies:
#### 1. The Control Circuit (Coil)
* **The Electromagnetic Coil:** A fine copper wire winding around an iron core. When DC current flows through it, it creates a magnetic field.
* **Sensitivity:** This model is designed for high sensitivity, meaning it requires very little current to actuate the switch, making it compatible with microcontroller outputs (via a transistor).
#### 2. The Switching Mechanism (Contacts)
* **Stationary & Movable Contacts:** These are the "power" side of the relay. The **-R** suffix often denotes a specific contact material or environmental sealing (Resin-protected/Sealed) to prevent oxidation.
* **Arc Suppression:** The physical gap and material composition are designed to minimize electrical arcing when the circuit is broken under load.
#### 3. The Structural Housing
* **Insulation Base:** Made of high-grade plastic (often UL94V-0 rated) to prevent leakage current.
* **Terminal Pins:** Standard PCB-mount pins designed for easy soldering onto a circuit board.
---
### Applications
* **Home Appliances:** Air conditioners, heaters, and microwave ovens.
* **Office Equipment:** Printers and copiers.
* **Industrial:** PLC output modules and motor control.
---
- ⤷
What is the difference between the 12V and 24V versions of this relay?
- ⤷ Can this relay be used to control a 220V AC motor?
- ⤷ What does the '-R' suffix specifically indicate for this manufacturer?