WJM-112-R/Q
AI

The **WJM-112-R/Q** refers to a high-performance **Micro-Machined Relay (MEMS Relay)** or a high-frequency signal relay, often utilized in specialized telecommunications, automated test equipment (ATE), and medical instrumentation.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "WJM" series is characterized by its miniature footprint and low power consumption. The suffixes **"R"** and **"Q"** usually denote specific variations in mounting style or contact materials (e.g., Lead-frame vs. SMT, or Gold-plated contacts).
| Feature | Description |
| :--- | :--- |
| **Contact Form** | Typically 1 Form A (SPST-NO) or 2 Form C (DPDT) depending on specific sub-model |
| **Switching Voltage** | Low to Medium Voltage (approx. 30V - 100V DC) |
| **Max Current** | 0.5A to 2A (Signal level) |
| **Isolation** | High Dielectric Strength (>1000V AC between coil and contacts) |
| **Package Type** | DIP (Dual In-line) or Surface Mount (SMD) |
---
### 2. Core Electronic Components
The internal architecture of these relays involves several critical electronic parts:
1. **Electromagnetic Coil:**
* Designed for low power dissipation.
* Standard nominal voltages are usually 5V, 12V, or 24V DC.
2. **Contact Assembly:**
* Made from precious metal alloys (often Gold-clad silver) to ensure low contact resistance and prevent oxidation in signal-level switching.
3. **Magnetic Circuit:**
* Utilizes a high-efficiency permanent magnet or high-permeability core to allow for high-speed switching and vibration resistance.
4. **Damping Mechanism:**
* The "Q" variant often includes specific mechanical damping to reduce "Contact Bounce," which is critical for digital signal integrity.
---
### 3. Application Use-Cases
Because of its precision, the WJM-112 series is integrated into the following circuits:
* **RF Switching:** Used in radio frequency front-ends where low insertion loss is required.
* **Measurement Tools:** Oscilloscopes and multimeters for range switching.
* **Safety Interlocks:** High-isolation circuits where physical separation is required between the control side and the load.
---
### 4. Comparison of R and Q Suffixes
| Suffix | Characteristic | Best Use Case |
| :--- | :--- | :--- |
| **-R** | Standard Reliable Contact | General industrial control and power management. |
| **-Q** | High Sensitivity / Quick Response | High-speed data switching and pulse-driven circuits. |
- ⤷What is the typical coil resistance for the 12V version of this relay?
- ⤷ Can the WJM-112-R be used for AC load switching?
- ⤷ How does contact bounce affect the signal integrity in the 'Q' model?