AI

The **WJM-104W-R** is a specific electronic component, primarily classified as a **Power Relay** or an **Electromagnetic Relay**, typically used in industrial automation, HVAC systems, and power management circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The WJM series is known for its compact design and high switching capacity.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) or 1 Form C (SPDT) |
| **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) |
| **Contact Material** | Silver Alloy (AgSnO2 or AgNi) |
| **Max Switching Current** | 10A to 30A (Depending on the specific load type) |
| **Mounting Type** | PCB (Through-hole) or Plug-in |
---
### 2. Internal Components & Operation
The WJM-104W-R functions through electromagnetic induction. Its internal structure consists of:
* **The Coil:** When current flows through the coil, it creates a magnetic field.
* **The Armature:** A moving part that is attracted by the magnetic field of the coil.
* **The Contacts:** The electrical "switches." In the "R" variant, these are often reinforced for high-inrush currents.
* **The Spring:** Returns the armature to its original position once power is removed from the coil.
---
### 3. Key Features
* **High Sensitivity:** Designed to operate with low coil power consumption.
* **Insulation Resistance:** Usually rated at 1,000MΩ (at 500VDC) to ensure safety between the control circuit and the load circuit.
* **Dielectric Strength:** Capable of withstanding high surges (often up to 2,500VAC between coil and contacts).
* **Sealing:** The "W" in the suffix often denotes a **Wash-tight** or **Sealed** construction, protecting the internals from flux during soldering or environmental contaminants.
---
### 4. Circuit Diagram Representation
In a schematic, the relay is represented by the coil symbol and the switch symbol:
```text
Control Side (Low Power) Load Side (High Power)
____ /
-----| |----- -----/ -----
|Coil| Contact (NO/NC)
-----|____|----- -------------
```
---
### 5. Common Applications
1. **Home Appliances:** Washing machines, microwave ovens, and air conditioners.
2. **Industrial Controls:** PLC output modules and motor control.
3. **Automotive Electronics:** Power windows or lighting control modules.
---
- ⤷
What is the specific coil voltage for the WJM-104W-R variant?
- ⤷ Can this relay be used for AC and DC loads simultaneously?
- ⤷ What are the pin dimensions for PCB layout integration?