công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • WJFX-AB2-R/Q

  • AI
    The **WJFX-AB2-R/Q** is a specific part number typically associated with high-performance electronic connectors or cable assemblies, often used in automotive or industrial high-speed data transmission. Below is a detailed breakdown of its technical aspects and role within electronic systems. --- ### 1. Technical Specification Overview While specific proprietary data may vary by manufacturer (often associated with brands like **JAE** or specialized automotive suppliers), the following table outlines the general characteristics of this component category: | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-speed I/O Connector / Cable Plug | | **Interface Standard** | Often compatible with USB, HDMI, or LVDS standards | | **Pin Configuration** | Multi-pin (Designed for balanced differential signaling) | | **Mounting Type** | Cable-side (Plug) or PCB-mount (Socket) | | **Impedance** | Typically 90Ω or 100Ω (Differential) | | **Durability** | High mating cycle rating with robust latching mechanisms | --- ### 2. Key Electronic Features The "AB2-R/Q" designation usually points to specific physical and electrical variations: * **Signal Integrity:** Designed to minimize crosstalk and electromagnetic interference (EMI). This is crucial for high-speed data where noise can lead to packet loss. * **Shielding:** Features a robust metal shell (the "R/Q" suffix often indicates a specific shielding or plating revision) to ensure grounding and protection against external RF noise. * **Automotive Grade:** These parts are often engineered to withstand extreme vibrations and temperature fluctuations (typically -40°C to +105°C), making them suitable for In-Vehicle Infotainment (IVI) systems. --- ### 3. Pinout and Connectivity In electronic circuits, these parts function as the bridge between a processing unit (like a Head Unit) and a peripheral (like a camera or display). ```mermaid graph LR A[Processing Unit] -- Differential Pairs --> B(WJFX Connector) B -- Shielded Twisted Pair --> C[Remote Peripheral/Display] ``` #### Common Applications: 1. **Automotive Cameras:** Connecting ADAS (Advanced Driver Assistance Systems) cameras to the central ECU. 2. **Display Links:** High-resolution dashboard or center console displays. 3. **Industrial Automation:** Machine vision systems requiring high-speed data over long cables. --- ### 4. Part Number Breakdown (Generic Interpretation) Electronic manufacturers use alpha-numeric codes to define specific traits: * **WJFX:** The series prefix (Manufacturer-specific series). * **AB2:** Defines the shell size, pin count, or orientation (e.g., Right Angle vs. Straight). * **R/Q:** Generally refers to the **Tape & Reel** packaging (R) or a specific **Quality/Qualification** level (Q). ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data transfer rate supported by the WJFX series?
    • ⤷ Is this component compatible with standard USB 3.0 protocols?
    • ⤷ What are the recommended soldering profiles for the PCB-mount version of this part?