WJFX-AB1-R
AI

The **WJFX-AB1-R** is a specific electronic component often categorized within specialized interconnect or sensing modules, frequently associated with brands like **Well Joint** or used in specific industrial/automotive control assemblies.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Component Overview
The WJFX series typically refers to **Flexible Flat Cable (FFC) connectors** or specialized **Rotary/Slide switches** depending on the specific application context (often automotive steering or control panels). The suffix "-R" generally denotes "RoHS Compliant" or "Tape & Reel" packaging.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Connector / Interface Module |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) |
| **Material** | High-temperature Thermoplastic |
| **Contact Material** | Phosphor Bronze (Gold or Tin plated) |
| **Voltage Rating** | 50V - 125V AC/DC (Typical) |
| **Current Rating** | 0.5A to 1.0A per pin |
| **Compliance** | RoHS / Lead-Free |
---
## 2. Key Electronic Parts & Construction
The device is composed of several critical sub-components that ensure electrical integrity:
1. **Housing (Insulator):** Made of LCP (Liquid Crystal Polymer) or Nylon 9T to withstand reflow soldering temperatures.
2. **Actuator:** A flip-lock or slide mechanism used to secure the flexible cable into the contact points.
3. **Terminal Pins:** Precision-stamped metal leads that provide the electrical path between the cable and the PCB.
4. **Solder Tabs:** Metallic "ears" on the side of the component that provide mechanical strain relief when soldered to the board.
---
## 3. Application Areas
This part is commonly integrated into the following electronic systems:
* **Automotive Electronics:** Used in infotainment systems, dashboard displays, and steering wheel controls.
* **Consumer Electronics:** Found in laptops, cameras, and handheld medical devices where space is at a premium.
* **Industrial Automation:** Signal transmission in robotic arms or PLC interfaces.
---
## 4. Design Considerations for Engineers
When implementing the WJFX-AB1-R in a circuit, keep the following in mind:
```yaml
Design_Tips:
Pitch_Alignment: Ensure the FFC cable pitch matches the connector (e.g., 0.5mm or 1.0mm).
Trace_Width: Calculate PCB trace width based on the 0.5A current limit to prevent overheating.
Mechanical_Stress: Use the "R" (RoHS) version to ensure compatibility with modern lead-free soldering profiles.
Orientation: Verify if the connector is Top-Contact or Bottom-Contact for proper signal routing.
```
- ⤷
What is the specific pin pitch for the WJFX-AB1-R model?
- ⤷ Is this component compatible with high-speed data transmission protocols?
- ⤷ Does the '-R' suffix refer to the packaging type or environmental compliance?