WJFT5-U2BA-R
AI

The **WJFT5-U2BA-R** is a specific electronic component, typically categorized as a high-speed data connector, most commonly used in telecommunications and networking hardware. Below is a detailed breakdown of its specifications and design.
### 1. General Overview
The WJFT5 series is part of the **SFP (Small Form-factor Pluggable)** family. Specifically, this part number refers to an **SFP+ 1x1 Cage and Connector assembly** designed for high-speed data transmission.
---
### 2. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | SFP+ (Enhanced Small Form-factor Pluggable) |
| **Port Configuration** | 1x1 (Single Port) |
| **Mounting Type** | Through-Hole (Press-fit or Solder) |
| **Orientation** | Right Angle / Horizontal |
| **Shielding** | Integrated Metal Cage (EMI Shielding) |
| **Data Rate** | Typically supports up to 10 Gbps |
| **Standard Compliance** | SFF-8431 / SFF-8432 |
---
### 3. Key Electronic Features
#### A. EMI Shielding (Electromagnetic Interference)
The "Cage" aspect of this part is crucial. It acts as a Faraday cage to prevent electromagnetic interference from leaking out of the high-speed transceiver or affecting nearby sensitive components on the PCB.
#### B. Heat Dissipation
The metal housing is designed with thermal management in mind, often featuring venting holes or compatibility with clip-on heat sinks to manage the heat generated by the optical or copper transceiver modules.
#### C. Signal Integrity
The internal connector pins are gold-plated to ensure low contact resistance and high durability (mating cycles). The layout is optimized to maintain impedance control, which is vital for 10Gbps+ signaling.
---
### 4. Applications
This part is commonly found in the following hardware:
* **Network Switches & Routers:** For fiber optic or copper uplinks.
* **Network Interface Cards (NICs):** High-speed server connectivity.
* **Storage Area Networks (SAN):** Used in high-speed data storage arrays.
* **Telecommunication Infrastructure:** Base stations and data center equipment.
---
### 5. Identification (Part Number Breakdown)
While naming conventions vary by manufacturer (often associated with brands like **UDE** or similar high-speed connector specialists), the suffix usually denotes:
* **U2:** Specific series/revision.
* **BA:** Contact plating or housing material variations.
* **R:** Usually indicates **RoHS Compliance** or **Tape & Reel** packaging.
- ⤷
What are the PCB layout requirements for the WJFT5-U2BA-R?
- ⤷ What is the difference between SFP and SFP+ connectors?
- ⤷ Can this connector be used for 25Gbps (SFP28) applications?