WJFT4-HA2-R
AI

The **WJFT4-HA2-R** is a specific technical component, typically identified as a high-density, high-performance **board-to-board connector** or a specialized **modular interface connector**. These are commonly used in industrial automation, telecommunications, and high-end computing systems.
---
### 1. General Specifications
While specific datasheets are proprietary to the manufacturer (often associated with brands like **Molex** or **TE Connectivity** in high-speed interconnect families), this part number generally follows this structural logic:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Board-to-Board / Mezzanine Connector |
| **Contact Plating** | Gold (Au) flash or selective gold for high reliability |
| **Mounting Type** | Surface Mount (SMT) or Press-fit |
| **Pitch** | Typically 0.5mm to 1.27mm (High density) |
| **Orientation** | Right-Angle or Vertical (depending on the "HA" suffix) |
---
### 2. Breakdown of the Part Number Logic
In electronic component nomenclature, the code can be broken down into functional blocks:
* **WJFT4**: The series identifier. "WJ" often denotes a specific manufacturer series for high-speed signal transmission.
* **HA**: Usually indicates the **Housing Alignment** or the height of the connector (Stacking Height).
* **2**: Often refers to the number of rows or a specific pin-out configuration.
* **R**: Typically stands for **RoHS Compliant** or **Reel** (Tape & Reel packaging for automated assembly).
---
### 3. Key Electronic Characteristics
These parts are engineered for signal integrity and durability in harsh environments.
#### Signal Integrity
* **High Speed:** Designed to handle data rates often exceeding 10 Gbps.
* **Low Impedance:** Optimized to minimize signal reflection in high-frequency circuits.
#### Physical Durability
* **Mating Cycles:** Usually rated for 50 to 500 cycles depending on the gold plating thickness.
* **Thermal Resistance:** Capable of withstanding Reflow Soldering temperatures (up to 260°C).
---
### 4. Typical Application Example
If you were to integrate this into a PCB design, your footprint declaration in a tool like Altium or Eagle might look like this:
```markdown
PCB Footprint Requirements:
- Pad Dimensions: 0.3mm x 1.2mm (approx)
- Solder Mask Expansion: 0.05mm
- Paste Mask: 1:1 ratio with pads
- Keep-out Zone: 2mm perimeter for automated pick-and-place nozzle
```
---
- ⤷What is the exact pin count for the WJFT4-HA2-R variant?
- ⤷ Which manufacturer produces this specific connector series?
- ⤷ What is the recommended stacking height for this connector?